データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21070CIH320Z-TK データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL21070CIH320Z-TK
部品情報  25µA Micropower Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH320Z-TK データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL21070CIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL21070
7
FN7599.3
September 3, 2015
Submit Document Feedback
Applications Information
FGA Technology
The ISL21070 series of voltage references use the floating gate
technology to create references with very low drift and supply
current. Essentially, the charge stored on a floating gate cell is set
precisely in manufacturing. The reference voltage output itself is a
buffered version of the floating gate voltage. The resulting reference
device has excellent characteristics which are unique in the industry:
very low temperature drift, high initial accuracy, and almost zero
supply current. Also, the reference voltage itself is not limited by
voltage bandgaps or zener settings, so a wide range of reference
voltages can be programmed (standard voltage settings are
provided, but customer-specific voltages are available).
The process used for these reference devices is a floating gate
CMOS process, and the amplifier circuitry uses CMOS transistors
for amplifier and output transistor circuitry. While providing
excellent accuracy, there are limitations in output noise level and
load regulation due to the MOS device characteristics. These
limitations are addressed with circuit techniques discussed in
other sections.
Handling and Board Mounting
FGA references provide excellent initial accuracy and low
temperature drift at the expense of very little power drain. There
are some precautions to take to insure this accuracy is not
compromised. Excessive heat during solder reflow can cause
excessive initial accuracy drift, so the recommended +260°C
max temperature profile should not be exceeded. Expect up to
1mV drift from the solder reflow process.
FGA references are susceptible to excessive X-radiation like that
used in PC board manufacturing. Initial accuracy can change
10mV or more under extreme radiation. If an assembled board
needs to be X-rayed, care should be taken to shield the FGA
FIGURE 14. ZOUT vs f vs CL
FIGURE 15. PSRR vs FREQUENCY
FIGURE 16. VOUT NOISE, 0.1Hz TO 10Hz
Typical Performance Characteristics Curves
VOUT = 2.5V, VIN = 3V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
1nF LOAD
10nF LOAD
100nF LOAD
NO LOAD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
NO LOAD
100nF LOAD
1nF LOAD
10nF LOAD
1s/DIV


同様の部品番号 - ISL21070CIH320Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

同様の説明 - ISL21070CIH320Z-TK

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com