データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21070CIH320Z-TK データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL21070CIH320Z-TK
部品情報  25µA Micropower Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH320Z-TK データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL21070CIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL21070
10
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7599.3
September 3, 2015
For additional products, see www.intersil.com/en/products.html
Submit Document Feedback
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have
the latest Rev.
DATE
REVISION
CHANGE
September 3, 2015
FN7599.4
Updated Ordering Information Table on page 2.
June 23, 2014
FN7599.3
• Updated POD with following changes:
In Detail A, changed lead width dimension from 0.13+/-0.05 to 0.085-0.19
Changed dimension of foot of lead from 0.31+/-0.10 to 0.38+/-0.10
In Land Pattern, added 0.4 Rad Typ dimension
In Side View, changed height of package from 0.91+/-0.03 to 0.95+/-0.07
April 4, 2011
FN7599.2
Converted to New Intersil Template
Updated page 1 description (removed 3.3V from last paragraph)
Updated “Features” on page 1 as follows:
-Removed 3.3V from Reference Output Voltage bullet.
-Removed "Initial Accuracy: 3.3V from 2.5V...±0.2% option"
-Removed “ISL21070-33 (Coming Soon)” under Input Voltage Range bullet
Updated “Ordering Information” on page 2 as follows:
-Removed ISL21070CIH333Z-TK 3.3V option
Updated “Electrical Specification” as follows:
-Removed 3.3V option electrical specification header and table
Updated Parameters Note in Electrical spec from “parameters...” to “compliance...”
April 19, 2010
FN7599.1
Added product variation for 0.6V and 2.048V. Removed 1.024V coming soon part. Updated throughout
accordingly as follows:
Updated page 1 description (removed 1.024V from last paragraph and added 0.6V)
Updated “Features” on page 1 as follows:
-removed 1.024V from Reference Output Voltage bullet. Added 0.600V.
-removed "Initial Accuracy: 1.024V . . .±0.5%" and added "Initial Accuracy: 0.600V . . ±1.0%"
-removed "Coming Soon" from ISL21070-20 under Input Voltage Range bullet. Also, removed ISL21070-10
(coming soon) part and added ISL21070-06 part.
-added "Tempco (0.600V only). . . . . 50ppm/°C"
-added "all others" to "Tempco (all others) . . . 30ppm/°C"
Updated “Ordering Information” on page 2 to add ISL21070DIH306Z-TK 0.6V option. Removed 1.024V option
ISL21070CIH310Z-TK
Added Note 4 to Part Marking column of “Ordering Information” on page 2.
-Added "Electrical Specifications (ISL21070-06, VOUT = 0.600V)" table to page 3 and "Electrical Specifications
(ISL21070-20, VOUT = 2.048V)" table to page 4
-Removed "Electrical Specifications (ISL21070-xx, VOUT = 1.024V to 2.048V)" table
Added Theta JC of 110 to “Thermal Information” on page 3. Added applicable Theta JC Note 7 (“For
JC, the
“case temp” location is taken at the package top center.”)
Revised Theta JA in “Thermal Information” on page 3 from 371 to 275
Added Figure 16. “VOUT NOISE, 0.1Hz TO 10Hz” to page 7.
March 19, 2010
FN7599.0
Initial release.


同様の部品番号 - ISL21070CIH320Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

同様の説明 - ISL21070CIH320Z-TK

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com