データシートサーチシステム |
|
ISL21080CIH341Z-TK データシート(PDF) 4 Page - Intersil Corporation |
|
ISL21080CIH341Z-TK データシート(HTML) 4 Page - Intersil Corporation |
4 / 20 page ISL21080 4 FN6934.5 June 23, 2014 Submit Document Feedback Electrical Specifications (ISL21080-10, VOUT = 1.024V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 13) TYP MAX (Note 13) UNIT VOUT Output Voltage 1.024 V VOA VOUT Accuracy @ TA = +25°C (Notes 8, 9) -0.7 +0.7 % TC VOUT Output Voltage Temperature Coefficient (Note 10) 50 ppm/°C VIN Input Voltage Range 2.7 5.5 V IIN Supply Current 0.31 1.5 µA VOUT /VIN Line Regulation 2.7V < VIN < 5.5V 80 350 µV/V VOUT/IOUT Load Regulation Sourcing: 0mA IOUT 7mA 25 100 µV/mA Sinking: -7mA IOUT 0mA 50 350 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% with no load 4 ms Ripple Rejection f = 120Hz -40 dB eN Output Voltage Noise 0.1Hz f 10Hz 30 µVP-P VN Broadband Voltage Noise 10Hz f 1kHz 52 µVRMS Noise Density f = 1kHz 2.2 µV/ Hz VOUT/TA Thermal Hysteresis (Note 11) TA = +165°C 100 ppm VOUT/t Long Term Stability (Note 12) TA = +25°C 50 ppm Electrical Specifications (ISL21080-12, VOUT = 1.25V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 13) TYP MAX (Note 13) UNIT VOUT Output Voltage 1.25 V VOA VOUT Accuracy @ TA = +25°C (Notes 8, 9) -0.6 +0.6 % TC VOUT Output Voltage Temperature Coefficient (Note 10) 50 ppm/°C VIN Input Voltage Range 2.7 5.5 V IIN Supply Current 0.31 1.5 µA VOUT /VIN Line Regulation 2.7V < VIN < 5.5V 80 350 µV/V VOUT/IOUT Load Regulation Sourcing: 0mA IOUT 7mA 25 100 µV/mA Sinking: -7mA IOUT 0mA 50 350 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% with no load 4 ms Ripple Rejection f = 120Hz -40 dB eN Output Voltage Noise 0.1Hz f 10Hz 30 µVP-P VN Broadband Voltage Noise 10Hz f 1kHz 52 µVRMS Noise Density f = 1kHz 1.1 µV/ Hz VOUT/TA Thermal Hysteresis (Note 11) TA = +165°C 100 ppm VOUT/t Long Term Stability (Note 12) TA = +25°C 50 ppm |
同様の部品番号 - ISL21080CIH341Z-TK |
|
同様の説明 - ISL21080CIH341Z-TK |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |