データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21090BFB812Z-TK データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL21090BFB812Z-TK
部品情報  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB812Z-TK データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL21090BFB812Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21090BFB812Z-TK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL21090
9
FN6993.5
February 27, 2013
Typical Performance Curves (ISL21090-2.5)
FIGURE 18. IIN vs VIN, THREE UNITS
FIGURE 19. IIN vs VIN, THREE TEMPERATURES
FIGURE 20. LINE REGULATION, THREE UNITS
FIGURE 21. LINE REGULATION, THREE TEMPERATURES
FIGURE 22. LINE TRANSIENT WITH 1nF LOAD (
ΔVIN = ±500mV)
FIGURE 23. LINE TRANSIENT WITH 100nF LOAD (
ΔVIN = ±500mV)
880
900
920
940
960
980
1000
4
9
14
19
24
29
34
39
VIN (V)
UNIT 1
UNIT 2
UNIT 3
600
700
800
900
1000
1100
1200
1300
4
9
14
19
24
29
34
39
VIN (V)
+25°C
-40°C
+125°C
2.499690
2.499790
2.499890
2.499990
2.500090
2.500190
2.500290
2.500390
3
6
9
12151821
2427
303336
39
VIN (V)
UNIT 1
UNIT 2
UNIT 3
2.498800
2.499000
2.499200
2.499400
2.499600
2.499800
2.500000
4
9
14
19
24
29
34
39
2.500200
+25°C
-40°C
+125°C
VIN (V)
-30
-20
-10
0
10
20
30
0
102030405060708090
100
TIME (µs)
CL = 1nF
-30
-20
-10
0
10
20
30
0
1020304050
6070
8090
100
TIME (µs)
CL = 100nF


同様の部品番号 - ISL21090BFB812Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090BFB812Z-TK RENESAS-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results

同様の説明 - ISL21090BFB812Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com