データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267817IUZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL267817IUZ
部品情報  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IUZ データシート(HTML) 2 Page - Intersil Corporation

  ISL267817IUZ Datasheet HTML 1Page - Intersil Corporation ISL267817IUZ Datasheet HTML 2Page - Intersil Corporation ISL267817IUZ Datasheet HTML 3Page - Intersil Corporation ISL267817IUZ Datasheet HTML 4Page - Intersil Corporation ISL267817IUZ Datasheet HTML 5Page - Intersil Corporation ISL267817IUZ Datasheet HTML 6Page - Intersil Corporation ISL267817IUZ Datasheet HTML 7Page - Intersil Corporation ISL267817IUZ Datasheet HTML 8Page - Intersil Corporation ISL267817IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL267817
2
FN7877.2
April 19, 2012
Typical Connection Diagram
Pin Configuration
ISL267817
(8 LD SOIC, MSOP)
TOP VIEW
VREF
+IN
–IN
GND
+VCC
DCLOCK
DOUT
CS/SHDN
REFP-P
+
+
+5V SUPPLY
µP/µC
VREF
SERIAL
INTERFACE
10µF
0.1µF
REFP-P
VREF
8
7
6
5
1
2
3
4
+IN
–IN
GND
+VCC
DCLOCK
DOUT
CS/SHDN
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
VREF
1
Reference Input
+IN
2
Non Inverting Input
–IN
3
Inverting Input
GND
4
Ground
CS/SHDN
5
Low = Chip Select, High = Shutdown
DOUT
6
Serial Output Data
DCLOCK
7
Data Clock
+VCC
8
Power Supply
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
+VCC RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL267817IBZ
267817 IBZ
4.75 to 5.25
-40°C to +85°C
8 Ld SOIC
M8.15
ISL267817IUZ
67817
4.75 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for the ISL267817. For more information on MSL please see tech brief
TB363.


同様の部品番号 - ISL267817IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267817IUZ INTERSIL-ISL267817IUZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IUZ RENESAS-ISL267817IUZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

同様の説明 - ISL267817IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com