データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0233 データシート(PDF) 2 Page - Texas Instruments

部品番号 TPA0233
部品情報  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA0233 データシート(HTML) 2 Page - Texas Instruments

  TPA0233_15 Datasheet HTML 1Page - Texas Instruments TPA0233_15 Datasheet HTML 2Page - Texas Instruments TPA0233_15 Datasheet HTML 3Page - Texas Instruments TPA0233_15 Datasheet HTML 4Page - Texas Instruments TPA0233_15 Datasheet HTML 5Page - Texas Instruments TPA0233_15 Datasheet HTML 6Page - Texas Instruments TPA0233_15 Datasheet HTML 7Page - Texas Instruments TPA0233_15 Datasheet HTML 8Page - Texas Instruments TPA0233_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPA0233
2W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D − JANUARY 2000 − REVISED NOVEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
4
FILT_CAP
+
1.25*R
R
+
50 k
M
U
X
5
RI
CI
Right
Audio
Input
RO/MO+
6
+
1.25*R
R
+
50 k
M
U
X
LIN
9
RI
CI
10
50 k
Left
Audio
Input
Stereo/Mono
Control
Shutdown
and Depop
Circuitry
SHUTDOWN
2
From
System Control
ST/MN
7
LO/MO−
CC
CC
100 k
100 k
VDD
1 k
CB
BYPASS
8
BYPASS
BYPASS
BYPASS
BYPASS
BYPASS
VDD
3
VDD
GND
RIN
1
1
µF
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
MSOP†
(DGQ)
MSOP
SYMBOLIZATION
−40
°C to 85°C
TPA0233DGQ
AEJ
† The DGQ package are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA0233DGQR).


同様の部品番号 - TPA0233_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233DGQ TI-TPA0233DGQ Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233DGQG4 TI-TPA0233DGQG4 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233DGQR TI-TPA0233DGQR Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233DGQRG4 TI-TPA0233DGQRG4 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

同様の説明 - TPA0233_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com