データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2000D1-Q1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2000D1-Q1
部品情報  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA2000D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 9Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 10Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FFT AT 1.5-W OUTPUT POWER
vs
FREQUENCY
−150
−130
−110
−90
−70
−50
−30
−10
+10
0
4 k
8 k
12 k
16 k
20 k
24 k
f − Frequency − Hz
VDD = 5 V,
RL = 4 Ω,
f = 1 kHz,
PO = 1.5 W
VDD = 5 V,
Gain = 23.5,
RL = 3 Ω
f = 20 kHz
f = 1 kHz
f = 20 Hz
10
2
1
0.2
0.1
0.02
0.02
0.01
0.01
10 m
100 m 200 m
1
PO − Output Power − W
3
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
VDD = 5 V,
Gain = 23.5,
RL = 4 Ω
f = 20 kHz
f = 1 kHz
f = 20 Hz
10
2
1
0.2
0.1
0.02
0.02
0.01
0.001
10 m
100 m 200 m
1
PO − Output Power − W
3
TPA2000D1-Q1
www.ti.com ........................................................................................................................................ SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008
Figure 2.
Figure 3.
Figure 4.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2000D1-Q1


同様の部品番号 - TPA2000D1-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2000D1-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com