データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2005D1-Q1 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA2005D1-Q1
部品情報  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1-Q1 データシート(HTML) 4 Page - Texas Instruments

  TPA2005D1-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
8
SHUTDOWN
NC
IN+
IN−
VO−
GND
VDD
VO+
8-PIN QFN (DRB) PACKAGE
(TOP VIEW)
7
6
5
1
2
3
4
NC − No internal connection
VO−
GND
VDD
VO+
8
7
6
5
1
2
3
4
SHUTDOWN
NC
IN+
IN−
8-PIN MSOP (DGN) PACKAGE
(TOP VIEW)
_
+
_
+
_
+
_
+
150 k
150 k
_
+
_
+
Deglitch
Logic
Deglitch
Logic
Gate
Drive
Gate
Drive
VDD
Short
Circuit
Detect
Startup
& Thermal
Protection
Logic
Ramp
Generator
Biases
and
References
TTL
Input
Buffer
SD
Gain = 2 V/V
B4, C4
VDD
A4
VO−
D4
VO+
GND
D1
IN−
C1
IN+
A1
SHUTDOWN
A2, A3, B3, C2, C3, D2, D3
(terminal labels for MicroStar Junior
package)
TPA2005D1-Q1
SLOS474C – AUGUST 2005 – REVISED MARCH 2010
www.ti.com
PIN ASSIGNMENTS
A.
The shaded terminals are used for electrical and thermal connections to the ground plane. All of the shaded terminals
must be electrically connected to ground. No connect (NC) terminals still need a pad and trace.
B.
The thermal pad of the DRB and DGN packages must be electrically and thermally connected to a ground plane.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
IN–
4
I
Negative differential input
IN+
3
I
Positive differential input
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
GND
7
I
High-current ground
VO–
8
O
Negative BTL output
SHUTDOWN
1
I
Shutdown terminal (active low logic)
NC
2
No internal connection
Thermal Pad
Must be soldered to a grounded pad on the PCB.
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2005D1-Q1


同様の部品番号 - TPA2005D1-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2005D1-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com