データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2038D1 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA2038D1
部品情報  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2038D1 データシート(HTML) 5 Page - Texas Instruments

  TPA2038D1_15 Datasheet HTML 1Page - Texas Instruments TPA2038D1_15 Datasheet HTML 2Page - Texas Instruments TPA2038D1_15 Datasheet HTML 3Page - Texas Instruments TPA2038D1_15 Datasheet HTML 4Page - Texas Instruments TPA2038D1_15 Datasheet HTML 5Page - Texas Instruments TPA2038D1_15 Datasheet HTML 6Page - Texas Instruments TPA2038D1_15 Datasheet HTML 7Page - Texas Instruments TPA2038D1_15 Datasheet HTML 8Page - Texas Instruments TPA2038D1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Measurement
Output
+
-
C
I
TPA2038D1
IN+
IN-
30 kHz
LowPass
Filter
Load
Measurement
Input
+
-
OUT+
OUT-
VDD
GND
VDD
C
S1
C
S2
C
I
+
-
TPA2038D1
www.ti.com
SLOS697A – AUGUST 2011 – REVISED OCTOBER 2012
TEST SETUP FOR GRAPHS
1. CI was shorted for any common-mode input voltage measurement. All other measurements were taken with CI = 0.1 μF
(unless otherwise noted).
2. CS1 = 0.1 μF is placed very close to the device. The optional CS2 = 10 μF is used for datasheet graphs.
3. The 30 kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
Ω,
4700 pF) is used on each output for the data sheet graphs.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links : TPA2038D1


同様の部品番号 - TPA2038D1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2038D1YFFR TI1-TPA2038D1YFFR Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1YFFT TI1-TPA2038D1YFFT Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

同様の説明 - TPA2038D1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com