データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3005D2 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPA3005D2
部品情報  6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3005D2 データシート(HTML) 8 Page - Texas Instruments

Back Button TPA3005D2_15 Datasheet HTML 4Page - Texas Instruments TPA3005D2_15 Datasheet HTML 5Page - Texas Instruments TPA3005D2_15 Datasheet HTML 6Page - Texas Instruments TPA3005D2_15 Datasheet HTML 7Page - Texas Instruments TPA3005D2_15 Datasheet HTML 8Page - Texas Instruments TPA3005D2_15 Datasheet HTML 9Page - Texas Instruments TPA3005D2_15 Datasheet HTML 10Page - Texas Instruments TPA3005D2_15 Datasheet HTML 11Page - Texas Instruments TPA3005D2_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0.005
10
0.01
0.1
20
20 k
100
1 k
10 k
PO = 5 W
VCC = 18 V,
RL = 8 W,
Gain = 21.6 dB
f − Frequency − Hz
PO = 1 W
PO = 2.5 W
1
0.01
0.1
10
20
20 k
100
1 k
10 k
VCC = 12 V,
RL = 8 W
Gain = 21.6 dB
f − Frequency − Hz
PO = 1 W
PO = 2.5 W
PO = 0.5 W
1
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
VCC = 12 V,
LC Filter,
Resistive Load,
Stereo Operation
16 W
8 W
PO − Total Output Power − W
1.4
28
24
20
16
10
100
1k
32
36
f − Frequency − Hz
40
10k
12
8
4
0
80k
VCC = 12 V,
RL = 8 Ω,
Gain = 32 dB
33 kHz, RC LPF
Gain
Phase
50
0
100
−150
−100
−50
150
TPA3005D2
SLOS427A – MAY 2004 – REVISED AUGUST 2010
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
SUPPLY CURRENT
vs
CLOSED LOOP RESPONSE
TOTAL OUTPUT POWER
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3005D2


同様の部品番号 - TPA3005D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3005D2PHP TI-TPA3005D2PHP Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPG4 TI-TPA3005D2PHPG4 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPR TI-TPA3005D2PHPR Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPRG4 TI-TPA3005D2PHPRG4 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3005D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com