データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA4860 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA4860
部品情報  1-W MONO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 データシート(HTML) 5 Page - Texas Instruments

  TPA4860_15 Datasheet HTML 1Page - Texas Instruments TPA4860_15 Datasheet HTML 2Page - Texas Instruments TPA4860_15 Datasheet HTML 3Page - Texas Instruments TPA4860_15 Datasheet HTML 4Page - Texas Instruments TPA4860_15 Datasheet HTML 5Page - Texas Instruments TPA4860_15 Datasheet HTML 6Page - Texas Instruments TPA4860_15 Datasheet HTML 7Page - Texas Instruments TPA4860_15 Datasheet HTML 8Page - Texas Instruments TPA4860_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
20
10
0
VOO − Output Offset Voltage − mV
25
15
5
VCC = 5 V
−3
−2
−1
0
1
2
3
4
5
6
7
20
10
0
VOO − Output Offset Voltage − mV
25
15
5
−3
−2
−1
0
1
2
3
4
5
6
7
VCC = 3.3 V
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
Table of Graphs
FIGURE
VOO
Output offset voltage
Distribution
1,2
IDD
Supply current distribution
vs Free-air temperature
3,4
vs Frequency
5, 6, 7, 8, 9, 10,11,15, 16,17,18
THD+N
Total harmonic distortion plus noise
vs Output power
12, 13, 14, 19,20,21
IDD
Supply current
vs Supply voltage
22
Vn
Output noise voltage
vs Frequency
23, 24
Maximum package power dissipation
vs Free-air temperature
25
Power dissipation
vs Output power
26, 27
Maximum output power
vs Free-air temperature
28
vs Load resistance
29
Output power
vs Supply voltage
30
Open-loop frequency response
vs Frequency
31
Supply ripple rejection ratio
vs Frequency
32, 33
DISTRIBUTION OF TPA4860
DISTRIBUTION OF TPA4860
OUTPUT OFFSET VOLTAGE
OUTPUT OFFSET VOLTAGE
Figure 1.
Figure 2.
5


同様の部品番号 - TPA4860_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DRG4 TI-TPA4860DRG4 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA4860_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com