データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM109JAN データシート(PDF) 7 Page - Texas Instruments

部品番号 LM109JAN
部品情報  LM109JAN 5-Volt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM109JAN データシート(HTML) 7 Page - Texas Instruments

Back Button LM109JAN_15 Datasheet HTML 3Page - Texas Instruments LM109JAN_15 Datasheet HTML 4Page - Texas Instruments LM109JAN_15 Datasheet HTML 5Page - Texas Instruments LM109JAN_15 Datasheet HTML 6Page - Texas Instruments LM109JAN_15 Datasheet HTML 7Page - Texas Instruments LM109JAN_15 Datasheet HTML 8Page - Texas Instruments LM109JAN_15 Datasheet HTML 9Page - Texas Instruments LM109JAN_15 Datasheet HTML 10Page - Texas Instruments LM109JAN_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
OBSOLETE
LM109JAN
www.ti.com
SNVS379B – NOVEMBER 2005 – REVISED MARCH 2013
*Zener is internal to LM109.
**Q1 must be able to withstand 7A continuous current if fusing is not used at regulator input. LM109 bond wires will
fuse at currents above 7A.
†Q2 is selected for surge capability. Consideration must be given to filter capacitor size, transformer impedance, and
fuse blowing time.
††Trip point is
≈ 7.5V.
Figure 4. Output Crowbar
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7


同様の部品番号 - LM109JAN_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
More results

同様の説明 - LM109JAN_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com