データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM109JAN データシート(PDF) 3 Page - Texas Instruments

部品番号 LM109JAN
部品情報  LM109JAN 5-Volt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM109JAN データシート(HTML) 3 Page - Texas Instruments

  LM109JAN_15 Datasheet HTML 1Page - Texas Instruments LM109JAN_15 Datasheet HTML 2Page - Texas Instruments LM109JAN_15 Datasheet HTML 3Page - Texas Instruments LM109JAN_15 Datasheet HTML 4Page - Texas Instruments LM109JAN_15 Datasheet HTML 5Page - Texas Instruments LM109JAN_15 Datasheet HTML 6Page - Texas Instruments LM109JAN_15 Datasheet HTML 7Page - Texas Instruments LM109JAN_15 Datasheet HTML 8Page - Texas Instruments LM109JAN_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
OBSOLETE
LM109JAN
www.ti.com
SNVS379B – NOVEMBER 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Input Voltage
35V
Power Dissipation
Internally Limited
Operating Ambient Temperature Range
−55°C ≤ TA ≤ +150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Maximum Junction Temperature
150°C
Thermal Resistance
θJA
NDT0003A-Pkg (Still Air)
190°C/W
NDT0003A-Pkg (500LF/Min Air flow)
69°C/W
K0002C-Pkg (Still Air)
39°C/W
K0002C-Pkg (500LF/Min Air flow)
TBD
θJC
NDT0003A-Pkg
25°C/W
K0002C-Pkg
3°C/W
Lead Temperature
(Soldering, 10 sec.)
300°C
ESD Tolerance (2)
4000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Human body model, 1.5k
Ω in series with 100PF.
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


同様の部品番号 - LM109JAN_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
More results

同様の説明 - LM109JAN_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com