データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM1084
部品情報  LM1084 5-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM1084 データシート(HTML) 6 Page - Texas Instruments

Back Button LM1084_15 Datasheet HTML 2Page - Texas Instruments LM1084_15 Datasheet HTML 3Page - Texas Instruments LM1084_15 Datasheet HTML 4Page - Texas Instruments LM1084_15 Datasheet HTML 5Page - Texas Instruments LM1084_15 Datasheet HTML 6Page - Texas Instruments LM1084_15 Datasheet HTML 7Page - Texas Instruments LM1084_15 Datasheet HTML 8Page - Texas Instruments LM1084_15 Datasheet HTML 9Page - Texas Instruments LM1084_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM1084
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
Typicals and limits apply for TJ = 25°C unless specified otherwise.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Ripple Rejection
fRIPPLE = 120 Hz, = COUT = 25 µF Tantalum, IOUT = 5A
dB
LM1084-ADJ, CADJ, = 25 µF, (VIN − VO) = 3 V, –40°C ≤
60
75
TJ ≤ 125°C
LM1084-3.3, VIN = 6.3 V, –40°C ≤ TJ ≤ 125°C
60
72
dB
LM1084-5.0, VIN = 8 V, –40°C ≤ TJ ≤ 125°C
60
68
dB
Adjust Pin Current
LM1084
55
µA
LM1084, –40°C
≤ TJ ≤ 125°C
120
Adjust Pin Current
10 mA
≤ IOUT ≤ IFULL LOAD, 1.5 V ≤ VIN − VOUT ≤ 25 V,
0.2
5
µA
Change
–40°C
≤ TJ ≤ 125°C
Temperature Stability
–40°C
≤ TJ ≤ 125°C
0.5%
Long Term Stability
TA =125°C, 1000 Hrs
0.3%
1.0%
RMS Output Noise
10 Hz
≤ f≤ 10 kHz
0.003%
(% of VOUT)
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM1084


同様の部品番号 - LM1084_15

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com