データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM1084
部品情報  LM1084 5-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM1084 データシート(HTML) 1 Page - Texas Instruments

  LM1084_15 Datasheet HTML 1Page - Texas Instruments LM1084_15 Datasheet HTML 2Page - Texas Instruments LM1084_15 Datasheet HTML 3Page - Texas Instruments LM1084_15 Datasheet HTML 4Page - Texas Instruments LM1084_15 Datasheet HTML 5Page - Texas Instruments LM1084_15 Datasheet HTML 6Page - Texas Instruments LM1084_15 Datasheet HTML 7Page - Texas Instruments LM1084_15 Datasheet HTML 8Page - Texas Instruments LM1084_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM1084
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
LM1084 5-A Low Dropout Positive Regulators
1 Features
3 Description
The LM1084 is a regulator with a maximum dropout
1
Available in 3.3-V, 5.0-V, and Adjustable Versions
of 1.5 V at 5 A of load current. The device has the
Current Limiting and Thermal Protection
same pinout as TI's industry standard LM317.
Output Current 5 A
Two resistors are required to set the output voltage of
Industrial Temperature Range
−40°C to 125°C
the adjustable output voltage version of the LM1084.
Line Regulation 0.015% (Typical)
Fixed output voltage versions integrate the adjust
resistors.
Load Regulation 0.1% (Typical)
The
LM1084
circuit
includes
a
zener
trimmed
2 Applications
bandgap reference, current limiting, and thermal
shutdown.
Post Regulator for Switching DC-DC Converter
Refer to LM1085 for the 3A version, and the LM1086
High-Efficiency Linear Regulators
for the 1.5A version.
Battery Chargers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-263 (3)
10.18 mm × 8.41 mm
LM1084
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM1084_15

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com