データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM1084
部品情報  LM1084 5-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM1084 データシート(HTML) 2 Page - Texas Instruments

  LM1084_15 Datasheet HTML 1Page - Texas Instruments LM1084_15 Datasheet HTML 2Page - Texas Instruments LM1084_15 Datasheet HTML 3Page - Texas Instruments LM1084_15 Datasheet HTML 4Page - Texas Instruments LM1084_15 Datasheet HTML 5Page - Texas Instruments LM1084_15 Datasheet HTML 6Page - Texas Instruments LM1084_15 Datasheet HTML 7Page - Texas Instruments LM1084_15 Datasheet HTML 8Page - Texas Instruments LM1084_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM1084
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................... 9
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Application and Implementation ........................ 13
3
Description ............................................................. 1
8.1
Application Information............................................ 13
4
Revision History..................................................... 2
8.2
Typical Applications ................................................ 13
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 20
6
Specifications......................................................... 4
10
Layout................................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 20
6.2
ESD Ratings ............................................................ 4
10.2
Layout Example .................................................... 20
6.3
Recommended Operating Conditions ....................... 4
10.3
Thermal Considerations ........................................ 20
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 22
6.5
Electrical Characteristics........................................... 5
11.1
Trademarks ........................................................... 22
6.6
Typical Characteristics .............................................. 7
11.2
Electrostatic Discharge Caution ............................ 22
7
Detailed Description .............................................. 9
11.3
Glossary ................................................................ 22
7.1
Overview ................................................................... 9
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 9
Information ........................................................... 22
4 Revision History
Changes from Revision F (March 2013) to Revision G
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM1084


同様の部品番号 - LM1084_15

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com