データシートサーチシステム |
|
TC1038CECH データシート(PDF) 10 Page - Microchip Technology |
|
TC1038CECH データシート(HTML) 10 Page - Microchip Technology |
10 / 18 page TC1037/TC1038/TC1039 DS21344B-page 10 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 7 6 5 4 3 2 1.5 2 2.5 3 3.5 4 4.5 5 5.5 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V) Comparator Propagation Delay vs. Supply Voltage Overdrive = 10mV Overdrive = 50mV 7 6 5 4 3 2 1.5 2 2.5 3 3.5 4 4.5 5 5.5 7 6 5 4 3 -40 °C85°C 25 °C TEMPERATURE ( °C) Overdrive = 100mV Overdrive = 10mV Overdrive = 50mV Comparator Propagation Delay vs. Supply Voltage Comparator Propagation Delay vs. Temperature TA = 25°C CL = 100pF TA = 25°C CL = 100pF Overdrive = 100mV VDD = 4V VDD = 5V VDD = 2V VDD = 3V -40 °C85°C 25 °C 2.5 2.0 1.5 1.0 .5 0 0 12 3 45 6 ISOURCE (mA) 7 6 5 4 3 Comparator Output Swing vs. Output Source Current Overdrive = 100mV 2.5 2.0 1.5 1.0 .5 0 0 12 34 5 Comparator Propagation Delay vs. Temperature Comparator Output Swing vs. Output Sink Current TEMPERATURE ( °C) ISINK (mA) VDD = 4V VDD = 5V VDD = 2V VDD = 3V TA = 25°C TA = 25°C VDD = 3V VDD = 1.8V VDD = 5.5V VDD = 3V VDD = 1.8V VDD = 5.5V 6 60 50 Sinking 40 30 20 10 0 0 12 3 45 6 SUPPLY VOLTAGE (V) Comparator Output Short-Circuit Current vs. Supply Voltage Sourcing TA = -40°C T A = -40 °C TA = 25°C TA = 85°C TA = 25°C TA = 85°C 1.240 1.220 1.200 1.180 1.160 1.140 0 24 6 8 10 LOAD CURRENT (mA) Reference Voltage vs. Load Current VDD = 1.8V VDD = 3V VDD = 5.5V Sinking Sourcing VDD = 1.8V VDD = 3V VDD = 5.5V 4 3 2 1 0 0 100 200 300 400 TIME ( µsec) Line Transient Response of VREF VDD VREF |
同様の部品番号 - TC1038CECH |
|
同様の説明 - TC1038CECH |