データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1010EL-TA3-T データシート(PDF) 2 Page - Unisonic Technologies

部品番号 UF1010EL-TA3-T
部品情報  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF1010EL-TA3-T データシート(HTML) 2 Page - Unisonic Technologies

  UF1010EL-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF1010EL-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF1010EL-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF1010EL-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF1010EL-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UF1010E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-306.D
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate to Source Voltage
VGSS
±20
V
Drain Current
Continuous (VGS=10V)
ID
84
A
Pulsed (Note 2)
IDM
330
Avalanche Current (Note 2)
IAR
50
A
Avalanche Energy
Repetitive (Note 2)
EAR
17
mJ
Single Pulsed (Note3)
EAS
1180
mJ
Power Dissipation
(TC=25°C)
TO-220/TO-263
PD
200
W
TO-220F1/ TO-220F2
54
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
TJ=25°C, L=260μH, RG=25Ω, IAS=50A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-263
θJA
62
°C/W
TO-220F1/ TO-220F2
62.5
Junction to Case
TO-220/TO-263
θJc
0.75
°C/W
TO-220F1/ TO-220F2
2.3


同様の部品番号 - UF1010EL-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UF1010EL-TA3-T UTC-UF1010EL-TA3-T Datasheet
195Kb / 5P
   N-CHANNEL POWER MOSFET
More results

同様の説明 - UF1010EL-TA3-T

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com