データシートサーチシステム |
|
FW-7541A データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FW-7541A データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page Specifications connect@lannerinc.com www.lannerinc.com Ordering Information Specifications are subject to change without notice Form Factor Desktop Platform Processor Options Intel Atom D525 Dual Core onboard Chipset Intel ICH8M BIOS AMI BIOS 16Mbit SPI Flash ROM System Memory Technology DDR3 667/800 MHz Max. Capacity 4GB Socket 1 x 204P SO-DIMM OS Support Windows 2000, 2003, XP, 7, Linux kernel 2.4 and up, OpenBSD, FreeBSD Storage HDD Bays 1 x 2.5” CompactFlash 1 x Type II CompactFlash Networking Ethernet Ports 6 x GbE RJ45 Bypass 1 pair G2 Controllers 1 x Intel 82574L, 5 x Intel 82583V (SKU A/B/C/D) 6 x Intel 82574L (SKU E) Ethernet Modules N/A Management Port N/A Security Acceleration N/A I/O Interface Console 1 x RJ45 USB 2 x USB 2.0 IPMI via OPMA slot N/A Expansion PCIe 1 x Mini-PCIe (with USB signal only) PCI N/A Cooling Processor CPU Passive Heatsink System Optional cooling Fan Environmental Parameters Temperature, ambient operating / storage 0 ~ 40º C / -20~70º C Humidity (RH), ambient operating / ambient non-operating 5~95%, non-condensing Miscellaneous LCD Module N/A Watchdog Yes Internal RTC with Li Battery Yes Physical Dimensions Dimensions (WxHxD) 268 x 40 x 145 mm Weight 1.2 kg Power Type / Watts 12V/5A 60W Power Adapter Input AC 100~240V @50~60 Hz Approvals and Compliance CE emission, FCC Class A, RoHS, UL FW-7541A Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots, 1 pair Gen2 bypass, desktop with active system fan FW-7541B Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slot, without bypass, desktop with active system fan FW-7541C Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots, 1 pair Gen2 bypass, desktop with fanless design FW-7541D Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots, without bypass, desktop with fanless design FW-7541E Intel Atom D525 CPU 1.8GHz; with 1 x SO-DIMM slots, 1 pair Gen2 bypass, desktop with active system fan Standard Accessories 080W250918010 Console Cable 080W2E0818006 LAN Cable 0P0W060122002 Power Adapter 080W1N0002001 SATA Cable 087W0203V1001 FW-7541 CD Optional Power Cords 080W240318301 Power Cord (UK 3P/3P) 080W240318304 Power Cord (AU 3P/3P) 080W240318305 Power Cord (EU 3P/2P) 080W240318306 Power Cord (US 3P/3P) 080W240318307 Power Cord (CN 3P/3P) 080W240318310 Power Cord (IND 3P/3P) Optional Mounting Brackets PN9NSFG71Z10A Rack Mount Kit for FW-7535/7541 080W1K1501501 Internal VGA Cable 080W2B0801501 Keyboard/Mouse Cable 080W150902001 DB9 COM Cable |
同様の部品番号 - FW-7541A |
|
同様の説明 - FW-7541A |