データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5964B データシート(PDF) 3 Page - SyncMOS Technologies,Inc

部品番号 SM5964B
部品情報  Main Flash ROM 64KB
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964B データシート(HTML) 3 Page - SyncMOS Technologies,Inc

  SM5964B Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964B Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
SM5964B
8-Bit Micro-controller
64KB with ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M081
Ver C SM5964B 04/17/2015
- 3 -
Product List
SM5964BW40PP,
SM5964BW44JP,
SM5964BW44QP,
Description
The SM5964B series product is an 8 - bit single chip
micro controller with 64KB flash & 1KB SRAM
embedded. It has In-System
Programming (ISP)
function and is a derivative of the 8052 micro controller
family.
SM5964B is a versatile and cost effective controller for
those applications which demand up to 36 I/O pins, or
applications which need up to 64K byte flash memory
either for program or for data or mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
The
on-chip
flash
memory
can
be
programmed in either parallel or serial interface with its
ISP feature.
Ordering Information
SM5964BihhkL YWW
i: process identifier { W = 2.4V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free, ”P” is PB free}
Y: year
WW: week
Postfix
Package
P
PDIP
J
PLCC
Q
PQFP
Features
Main Flash ROM 64KB.
Working voltage 2.4V~5.5V runs up to
40MHz
General 8052 family compatible with 12
clocks in one machine cycle.
6 clocks in one machine cycle is also
supported.
256 bytes SRAM as standard 8052.
On-chip 768 bytes expanded RAM.
16-bit Data Pointers (DPTR).
One serial peripheral interfaces in full duplex
mode (UART).
-
Synchronous mode, fixed baud rate.
-
8-bit UART mode, variable baud rate.
-
9-bit UART mode, fixed baud rate.
-
9-bit UART mode, variable baud rate.
Three 16-bit Timer/Counters (Timer 0, 1, 2).
One watch dog timer (WDT).
One IIC interface (Master / Slave mode).
Two 8-bit/5-bit configurable PWM output
channels.
ISP/IAP functions.
ISP service program space configurable in
N*512 byte (N=0 to 8) size.
Seven interrupt sources with two priority
levels.
Four 8-bit I/O ports and additional one 4-bit
I/O ports.
IO PAD ESD over 4KV.
Enhance user code protection.
Power management unit for IDLE and power
down modes.


同様の部品番号 - SM5964B

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

同様の説明 - SM5964B

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8952B SYNCMOS-SM8952B Datasheet
612Kb / 38P
   Main Flash ROM 8KB
logo
Generalplus Technology ...
GPFA64F1 GENERALPLUS-GPFA64F1 Datasheet
299Kb / 14P
   8--ch 64KB ROM Musiic Syntthesiizer
GPM6C1864A GENERALPLUS-GPM6C1864A Datasheet
2Mb / 66P
   48-pin Remote Controller with 64KB ROM
logo
List of Unclassifed Man...
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
logo
Zilog, Inc.
Z8F640 ZILOG-Z8F640 Datasheet
122Kb / 6P
   Advanced 20MHz 64KB Flash Microcontroller
logo
Generalplus Technology ...
GPL31C GENERALPLUS-GPL31C Datasheet
436Kb / 14P
   160 Dots LCD C ontroller with 64KB ROM
logo
List of Unclassifed Man...
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com