データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW-8759 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 FW-8759
部品情報  Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8759 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8759 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Dimensions (W x H x D): 438 x 44 x 415 mm
Up to 7 Years Lifecycle Support
For Intel-based systems using chipsets
and CPUs from Intel’s embedded group
we offer up to 7 years lifecycle support.
This makes it possible for our customers
to support their appliances for a longer
time after deployment when compared
to standard Intel server and desktop
processors. Longer lifecycles can also be
arranged by jointly planned inventories.
IPMI/Management port (By Project)
FW-8759 includes one IPMI/
management port for in-band
management and out-of-band remote
management.
ECC Memory Support
FW-8759 supports Error-Correcting
Code (ECC) memory technology, a
servergrade memory technology that
can identify and correct memory
corruption automatically. With ECC,
system performance is more secure and
stable.
DDR3/L Low Voltage Memory
Support
The FW-8759 supports DDR3L low
voltage (1.35V) memory, it provides
power and space efficiency.


同様の部品番号 - FW-8759

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

同様の説明 - FW-8759

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
Advantech Co., Ltd.
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
   2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com