データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW-8759 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FW-8759
部品情報  Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8759 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8759 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FW-8759 Rackmountx86NetworkSecurityPlatformBasedon
4th Generation Intel® Xeon E3-1200 v3 or Core® i7/i5/i3
Series processor (Codenamed “Denlow”)
4th Generation Intel® Core™
processor i7/i5/i3 series with C226
(codenamed “Denlow”)
The 4th Generation Intel® Core™
processor i7/i5/i3 series with C226
(codenamed “Denlow”) is a quad or
dual-core processor featuring 22nm
process technology with Tri-Gate
transistors. Intel AES New Instruction
(AES-NI), allow security algorithms to
benefit from hardware acceleration
for data encryption and decryption.
The platform support dual-channel
DDR3/DDR3L 1600 MHz memory
at 1.5/1.35 V, thus it has power
and space efficiency. The platform
targeted at entry to mid branch office
routers,security appliances, UTM or Next
Generation Firewall appliances.
Intel’s AES-NI Technology
With Intel new Haswell CPU, the FW-8759
can take full advantage of Intel’s AES-NI
technology to improve data encryption
and decryption performance.
Watchdog Control LAN Bypass & Power
Off LAN Bypass
The embedded watchdog monitors the
system so that it can automatically trigger
a reset if software hangs ; bypass ports
allow users to have uninterrupted network
traffic even if a single in-line appliance is
shut down or is hung. Both are essential
features of a network appliance. FW-8759
support optional 3 pairs of Generation 3
LAN Bypass.
Features
2 x
USB
LCM w/
Keypad
Console
8 x GbE ports
3 x Fan
RPS
NIC Module slot
Optional PCI-E *8 Slot
FW-8759C


同様の部品番号 - FW-8759

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

同様の説明 - FW-8759

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
Advantech Co., Ltd.
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
   2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com