データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW-8760B データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FW-8760B
部品情報  Network Security Appliance with Intel 3450 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8760B データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8760B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8760B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
Last Updated: 10-Jul-2012
FW-8760
Network Security Appliance
with Intel 3450 Chipset
Features
Intel® Core™ Processors
Following the design of the Intel
LGA 1156 CPU socket, the FW-
8760 sets a new benchmark for
performance and throughput
for network appliances. It is built
around the Intel 3450 chipset and
supports the 32nm Intel® Core™
i3 or i5 CPUs, the latest offering
from Intel.
PCIe and mini PCI Expansion
The FW-8760 can be further cus-
tomized by adding an additional
2 PCIe (x)4 lane slots or a PCIe
(x)8 lane slot; with a clock speed
of up to 3.33 GHz the FW-8760
is capable of handling a good size
network setup.
Up to 16 Ethernet Ports
The FW-8760 has 8 onboard eth-
ernet ports, all controlled through
the Intel 82574 providing Gigabit
Ethernet. With each port sup-
porting bypass, this appliance
can support 4 pairs. The optional
module can add an additional 8
ports, making a total of 16 ether-
net ports.
Maximize your RAM
With 4 dual channel DDR3 240
pin DIMM slots, this networking
appliance can max out at 16GB
of RAM, making certain that your
CPU can process as quickly as
possible.
Up to 4 Pairs of bypass
The FW-8760 supports a maxi-
mum of 4 pairs of bypass,
allowing users to have
Dimensions: 426 x 44 x 395 mm
LCD Module
Console
2 x USB
Ethernet Module
8x or 16x GbE Ports
4 x Cooling Fans
uninterrupted network traffic
even if a single in-line appli-
ance is shut down or is hung.


同様の部品番号 - FW-8760B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

同様の説明 - FW-8760B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
AAEON Technology
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
   Desktop Network Appliance with Intel® Elkhart Lake Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
UP-2010 ETC2-UP-2010 Datasheet
685Kb / 4P
   Enterprise Network Security Appliance with High-density Ports and PoE
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance with Intel짰 C226 Chipset
logo
Lanner All Rights Reser...
ICS-I370 LANNER-ICS-I370 Datasheet
681Kb / 2P
   Industrial Grade Cyber Security Appliance with Intel Atom™ E3900 Processor
V.1-2022.11.17
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com