データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW-8875 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 FW-8875
部品情報  Intel 5520 Based Sever-Grade Network Communication Appliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8875 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8875 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8875 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
Intel Xeon 5500/5600 on LGA 1366
Chipset
Intel 5520 + ICH10R
BIOS
AMI BIOS
32Mbit SPI Flash ROM x 2
System
Memory
Technology
Triple-Channel DDR3 800/1066/1333 MHz
Registered ECC or unbuffered, ECC or non-ECC
Max. Capacity
24GB
Socket
6 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
2 x 2.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
4 x GbE RJ45 default
20 GbE ports max.
Bypass
2 pairs G2
Controllers
2 x Intel 82571EB
Ethernet Modules
2
Management Port
N/A
Security Acceleration
Cavium CN1620 (optional)
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCI-E*8 expansion (optional)
PCI
1 x Mini PCI
Cooling
Processor
CPU heatsink with fan duct
System
4 x independent hot-swappable cooling fans with smart
fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 442 x 44 x 520 mm
Weight
12 kg
Power
Type / Watts
1 + 1 ATX redundant powers 400W / each
Input
AC 90~264V @47~63 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-8875A
1U Intel Xeon 5500 Network Appliance
Platform with integrated Cavium CN1620
FW-8875B
1U Intel Xeon 5500 Network Appliance
Platfor
Last Updated: 11-Jan-2012


同様の部品番号 - FW-8875

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FW-8877A ETC2-FW-8877A Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
More results

同様の説明 - FW-8875

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
logo
List of Unclassifed Man...
FW-8760 ETC2-FW-8760 Datasheet
128Kb / 2P
   Network Security Appliance with Intel 3450 Chipset
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
   Desktop Network Appliance with Intel® Elkhart Lake Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
logo
List of Unclassifed Man...
MR-301 ETC2-MR-301 Datasheet
179Kb / 2P
   RISC Based Fanless Network Appliance with Marvel Shiva NPU
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com