データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW-8895B データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 FW-8895B
部品情報  High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8895B データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  FW-8895B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
FW-8895A
Support 8 Ethernet modules & 2 hard drive, with CN1620
FW-8895B
Support 8 Ethernet modules & 2 hard drive, without CN1620
FW-8895C
Support 4 Ethernet modules + 4 hard drives, with CN1620
FW-8895D
Support 4 Ethernet modules + 4 hard drives, without CN1620
Compatible NIC Modules
Slim Module
Ports
Chipset
Bypass
NCS-IGM427A
4 GbE RJ45
Intel Cave Creek
2 Pairs G3
NCS-IGM427B
4 GbE RJ45
Intel Cave Creek
N/A
NCS-IGM806A
8 GbE RJ45
2 x Intel I350-AM4
4 Pairs G3
NCS-IGM806B
8 GbE RJ45
2 x Intel I350-AM4
N/A
NCS-IGM808A
8 GbE RJ45
Intel i210AT
4 Pairs G3
NCS-IGM808B
8 GbE RJ45
Intel i210AT
N/A
NCS-ISM405A
4 GbE SFP Fiber
Intel I350-AM4
2 Pairs of Fiber Bypass
NCS-ISM406A
4 GbE SFP Fiber
Intel I350-AM4
N/A
NCS-ISM802A
8 GbE SFP Fiber
2 x Intel I350-AM4
N/A
NCS-ITM202A
2 10G RJ45
2 x Intel X540
N/A
NCS-IXM204A
2 10G SFP+ Fiber
Intel 82599ES
N/A
NCS-IXM205A
2 10G SFP+ Fiber
Intel 82599ES
1 Pair of Fiber Bypass
NCS-IXM405A
4 10G SFP+ Fiber
Intel 82599ES
N/A
NCS-MTX401A
4 10G SFP+ Fiber
Tilera TILE-Gx8036
with Bypass
NCS-MTX401B
4 10G SFP+ Fiber
Tilera TILE-Gx8036
N/A
Optional Power Cords
080W240318304
RoHS AU 3P/3P L=183CM(YP-35+YC-12)
080W240318307
RoHS CN 3P/3P L=183CM(YP-03+YC-12)
080W240318305
RoHS EU 3P/3P L=183CM(YP-22+YC-12)
080W240318301
RoHS UK 3P/3P L=183CM(YP-61+YC-12)
080W240318306
RoHS US 3P/3P L=183CM(YP-12+YC-12)
080W240318310
RoHS POWER CABLE 3P 183CM(YP-81+YC-12)IND YUNGLI
Ordering Information


同様の部品番号 - FW-8895B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

同様の説明 - FW-8895B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
logo
List of Unclassifed Man...
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Advantech Co., Ltd.
SKY-7221 ADVANTECH-SKY-7221 Datasheet
1Mb / 2P
   2U High Performance Rackmount Server with Intel Xeon Scalable Processor Family
17-Nov-2021
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com