データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5307A データシート(PDF) 8 Page - Nippon Precision Circuits Inc

部品番号 SM5307A
部品情報  3-channel Video Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5307A データシート(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5307A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SM5307A
SEIKO NPC CORPORATION —8
FUNCTIONAL DESCRIPTION
Filter Select and Filter-bypass Mode
The SM5307A is mounted the 5th-order lowpass filter (LPF), and is possible to use changing four modes of
SD1, SD2, HD and filter-bypass mode for corresponding to input video signal. The filter mode changes with
the FC1 and FC2 pins.
Input Multiplexer
The SM5307A is mounted the two input multiplexer for each channels. The MUXSEL pin selects the input
signals.
Disable Mode Function
The SM5307A has the disable mode function. When DISABLE pin set to “H”, The SM5307A operation
becomes disable mode. In disable mode operation, current consumption becomes up to 2mA and video signal
input and output pins are setting high-impedance.
Control pins
Filter mode
Filter passband (typ)
FC1
FC2
CH-1
CH-2
CH-3
L
L
SD1 mode
6.75MHz
3.375MHz
3.375MHz
H
L
SD2 mode
13.5MHz
6.75MHz
6.75MHz
L
H
HD mode
30MHz
15MHz
15MHz
H
H
Filter-bypass mode
80MHz
80MHz
80MHz
Control pin
Selected input
MUXSEL
CH-1
CH-2
CH-3
L
IN1A
IN2A
IN3A
H
IN1B
IN2B
IN3B
Control pin
SM5307A operation
DISABLE
L
Normal operation
H
Disable mode


同様の部品番号 - SM5307A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
   3-channel Video Buffer
More results

同様の説明 - SM5307A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
   3-channel Video Buffer
SM5306A NPC-SM5306A Datasheet
176Kb / 8P
   Low Voltage, 3-channel Video Buffer
logo
3PEAK INC.
TPF153 3PEAK-TPF153 Datasheet
964Kb / 10P
   Low Power, 3-channel 6dB gain Video buffer for HD-Video
logo
Nippon Precision Circui...
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
Mitsubishi Electric Sem...
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
   3-CHANNEL VIDEO AMPLIFICATION
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com