データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD10-20B05 データシート(PDF) 6 Page - MORNSUN Science& Technology Ltd.

部品番号 LD10-20B05
部品情報  10W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD10-20B05 データシート(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  LD10-20B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC/DC Converter
LD10-20Bxx Series
2015.09.08-B/1
Page 6 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
LD10-20BxxA4 Din-Rail mounting Dimensions
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number: 58220005(Horizontal package), 58220022(A2S/A4S package), 58220010(A2/A4 package);
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all
parameters in the datasheet;
3. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25 ℃, humidity<75% with nominal
input voltage and rated output load;
4. All index testing methods in this datasheet are based on our Company’s corporate standards;
5. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
6. We can provide product customization service;
7. Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


同様の部品番号 - LD10-20B05

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LD10-20B05 MORNSUN-LD10-20B05 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
More results

同様の説明 - LD10-20B05

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
   10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
LHE10-20B03 MORNSUN-LHE10-20B03 Datasheet
1Mb / 6P
   10W, AC-DC converter
LDE10-20B03 MORNSUN-LDE10-20B03 Datasheet
1Mb / 5P
   10W, AC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10F243R3S HY-LINE-P10F243R3S Datasheet
286Kb / 3P
   10W DC-DC Converter P10F-Series
Rev: 2.10 f
logo
List of Unclassifed Man...
P10D ETC2-P10D Datasheet
174Kb / 2P
   10W DC-DC Converter P10D-Series
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com