データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1577 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM1577
部品情報  LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM1577 データシート(HTML) 5 Page - Texas Instruments

  LM1577_15 Datasheet HTML 1Page - Texas Instruments LM1577_15 Datasheet HTML 2Page - Texas Instruments LM1577_15 Datasheet HTML 3Page - Texas Instruments LM1577_15 Datasheet HTML 4Page - Texas Instruments LM1577_15 Datasheet HTML 5Page - Texas Instruments LM1577_15 Datasheet HTML 6Page - Texas Instruments LM1577_15 Datasheet HTML 7Page - Texas Instruments LM1577_15 Datasheet HTML 8Page - Texas Instruments LM1577_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LM1577, LM2577
www.ti.com
SNOS658D – JUNE 1999 – REVISED APRIL 2013
Electrical Characteristics—LM1577-15, LM2577-15
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V, and ISWITCH = 0.
Symbol
Parameter
Conditions
Typical
LM1577-15
LM2577-15
Units
Limit(1)(2)
Limit(3)
(Limits)
SYSTEM PARAMETERS Circuit of Figure 30(4)
VOUT
Output Voltage
VIN = 5V to 12V
15.0
V
ILOAD = 100 mA to 600 mA
14.50/14.25
14.50/14.25
V(min)
(1)
15.50/15.75
15.50/15.75
V(max)
Line Regulation
VIN = 3.5V to 12V
20
mV
ILOAD = 300 mA
mV(max)
50/100
50/100
Load Regulation
VIN = 5V
20
mV
ILOAD = 100 mA to 600 mA
mV(max)
50/100
50/100
η
Efficiency
VIN = 5V, ILOAD = 600 mA
80
%
DEVICE PARAMETERS
IS
Input Supply Current
VFEEDBACK = 18.0V
7.5
mA
(Switch Off)
10.0/14.0
10.0/14.0
mA(max)
ISWITCH = 2.0A
25
mA
VCOMP = 2.0V
50/85
50/85
mA(max)
(Max Duty Cycle)
VUV
Input Supply
ISWITCH = 100 mA
2.90
V
Undervoltage
2.70/2.65
2.70/2.65
V(min)
Lockout
3.10/3.15
3.10/3.15
V(max)
fO
Oscillator Frequency
Measured at Switch Pin
52
kHz
ISWITCH = 100 mA
48/42
48/42
kHz(min)
56/62
56/62
kHz(max)
VREF
Output Reference
Measured at Feedback Pin
V
Voltage
VIN = 3.5V to 40V
15
14.70/14.55
14.70/14.55
V(min)
VCOMP = 1.0V
15.30/15.45
15.30/15.45
V(max)
Output Reference
VIN = 3.5V to 40V
10
mV
Voltage Line Regulation
RFB
Feedback Pin Input
12.2
k
Ω
Voltage Line Regulator
GM
Error Amp
ICOMP = −30 μA to +30 μA
300
μmho
Transconductance
VCOMP = 1.0V
170/110
170/110
μmho(min)
420/500
420/500
μmho(max)
AVOL
Error Amp
VCOMP = 1.1V to 1.9V
65
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(5)
40/20
40/20
V/V(min)
(1)
All limits ensured at room temperature (standard type face) and at temperature extremes (boldface type). All limits are used to calculate
Outgoing Quality Level, and are 100% production tested.
(2)
A military RETS electrical test specification is available on request. At the time of printing, the LM1577K-12/883, LM1577K-15/883, and
LM1577K-ADJ/883 RETS specifications complied fully with the boldface limits in these columns. The LM1577K-12/883, LM1577K-
15/883, and LM1577K-ADJ/883 may also be procured to Standard Military Drawing specifications.
(3)
All limits ensured at room temperature (standard type face) and at temperature extremes (boldface type). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods.
(4)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM1577/LM2577 is used as shown in the Test Circuit, system performance will be as specified by the system parameters.
(5)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier's output) to ensure accuracy in measuring AVOL. In
actual applications, this pin's load resistance should be
≥10 MΩ, resulting in AVOL that is typically twice the ensured minimum limit.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1577 LM2577


同様の部品番号 - LM1577_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1577-15 NSC-LM1577-15 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

同様の説明 - LM1577_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com