データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N60G-TQ2-T データシート(PDF) 7 Page - Unisonic Technologies

部品番号 6N60G-TQ2-T
部品情報  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N60G-TQ2-T データシート(HTML) 7 Page - Unisonic Technologies

  6N60G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 6Page - Unisonic Technologies 6N60G-TQ2-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6N60-P
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-969.C
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - 6N60G-TQ2-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N60G-TA3-T UTC-6N60G-TA3-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60G-TF1-T UTC-6N60G-TF1-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60G-TF1-T UTC-6N60G-TF1-T Datasheet
225Kb / 7P
   N-CHANNEL POWER MOSFET
6N60G-TF2-T UTC-6N60G-TF2-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60G-TF3-T UTC-6N60G-TF3-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
More results

同様の説明 - 6N60G-TQ2-T

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com