データシートサーチシステム |
|
TL-SF1005D データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TL-SF1005D データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page www.tp-link.com Specifications are subject to change without notice. TP-LINK is a registered trademark of TP-LINK Technologies Co., Ltd. Other brands and product names are trademarks or registered trademarks of their respective holders. No part of the specifications may be reproduced in any form or by any means or used to make any derivative such as translation, transformation, or adaptation without permission from TP-LINK Technologies Co., Ltd. TL-SF1005D 5-Port 10/100Mbps Desktop Switch Specifications: Standards Protocol Interface Switching Features Forwarding Rates Data Rates LEDs Transfer Method Power Supply Certications Environment Dimensions IEEE 802.3, IEEE 802.3u, IEEE 802.3x CSMA/CD 5 10/100Mbps Port, Auto-negotiation, Auto MDI/MDIX Half and Full Duplex MAC Address Learning 10Gbps Backplane Bandwidth 10BASE-T: 14880pps/port 10BASE-TX: 148800pps/port 10/100Mbps at Half Duplex 20/200Mbps at Full Duplex Power 1, 2, 3, 4, 5 Store and Forward External Power Adapter CE, FCC Operating Temperature: 0°C~40°C (32°F~104°F) Storage Temperature: -40°C~70°C (-40°F~158°F) Operating Humidity: 10% ~ 90%, non-condensing Storage Humidity: 5%~90% non-condensing 4.1 x 2.8 x 0.9 in. (103.5 x 70 x 22 mm) Diagram: Package: - 5-Port 10/100Mbps Desktop Switch TL-SF1005D - Power Adapter - User Guide Related Products: - ADSL2+ Modem Router TD-8840T - 10/100Mbps PCI Network Adapter TF-3200 - Gigabit PCIe Netwok Adapter TG-3468 10/100Mbps PCI Network Adapter (For Desktop PC) TF-3200 Internet ADSL2+ Modem Router TD-8840T 5-Port 10/100Mbps Desktop Switch TL-SF1005D Wired Gigabit PCI Network Adapter (For Desktop PC) TG-3468 |
同様の部品番号 - TL-SF1005D |
|
同様の説明 - TL-SF1005D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |