データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL-SG1005D データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 TL-SG1005D
部品情報  5/8-Port Gigabit Desktop Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SG1005D データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  TL-SG1005D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SG1005D Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SG1005D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.tp-link.com
Copyright © 2010 TP-LINK Technologies Co., Ltd. All rights reserved.
Specifications:
TL-SG1005D
TL-SG1008D
IEEE 802.3
IEEE 802.3u
IEEE 802.3ab
IEEE 802.3x
5*10/100/1000Mbps RJ45 Port
YES
YES
Windows 2000/XP/Vista/7
Linux
MAC OS
Store and Forward
10 Gbps
8 K
15 K
YES
Up to 75%
Power、Link/Act
9V / 0.6A
165*108*28mm
0℃~40℃ (32℉~104℉)
-40℃~70℃ (-40℉~158℉)
0%~90% non-condensing
5%~90% non-condensing
Standards
Network Ports
Auto Negotiation
Auto MDI/MDIX
Systems
Forwarding Mode
Switch Capacity
MAC Address Table
Jumbo Frame
Flow Conrol
Power Saving
LED
AC Power
Dimensions
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Ordering Information
IEEE 802.3
IEEE 802.3u
IEEE 802.3ab
IEEE 802.3x
8*10/100/1000Mbps RJ45 Port
YES
YES
Windows 2000/XP/Vista/7
Linux
MAC OS
Store and Forward
16 Gbps
8 K
15 K
YES
Up to 80%
Power、Link/Act
9V / 0.85A
165*108*28mm
0℃~40℃ (32℉~104℉)
-40℃~70℃ (-40℉~158℉)
0%~90% non-condensing
5%~90% non-condensing
5-port gigabit desktop switch, green
8-port gigabit desktop switch, green


同様の部品番号 - TL-SG1005D

メーカー部品番号データシート部品情報
logo
TP-Link Technologies Co...
TL-SG1005D TP-LINK-TL-SG1005D Datasheet
453Kb / 2P
   Gigabit PCI Express Network Adapter
More results

同様の説明 - TL-SG1005D

メーカー部品番号データシート部品情報
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
   5-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
   Gigabit Ethernet Switch - 5 Port
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
TL-SG2008 ETC2-TL-SG2008 Datasheet
1Mb / 4P
   8-Port Gigabit Smart Switch
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
TL-SG105E ETC2-TL-SG105E Datasheet
1Mb / 4P
   5-Port Gigabit Easy Smart Switch
logo
Advantech Co., Ltd.
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com