データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3200 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM3200
部品情報  LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3200 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3200_15 Datasheet HTML 5Page - Texas Instruments LM3200_15 Datasheet HTML 6Page - Texas Instruments LM3200_15 Datasheet HTML 7Page - Texas Instruments LM3200_15 Datasheet HTML 8Page - Texas Instruments LM3200_15 Datasheet HTML 9Page - Texas Instruments LM3200_15 Datasheet HTML 10Page - Texas Instruments LM3200_15 Datasheet HTML 11Page - Texas Instruments LM3200_15 Datasheet HTML 12Page - Texas Instruments LM3200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
IL
10 Ps/DIV
500 mA/DIV
2V/DIV
VSW
VOUT
VOUT = 1.5V
1V/DIV
RLOAD = 15:
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
VIN = 3.6V
VOUT = 1.5V
10 mV/DIV
AC Coupled
VOUT
IOUT = 200 mA
IL
40 Ps/DIV
200 mA/DIV
3.6V
3.0V
50 mV/DIV
AC Coupled
VIN
VOUT
VOUT = 1.5V
IOUT = 200 mA
100 Ps/DIV
1.08V
0.5V
VSW
VOUT
VIN = 4.2V
RLOAD = 15:
3.25V
2V/DIV
VCON
1.5V
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VIN = 4.2V
1V/DIV
VIN
RLOAD = 15:
VCON = 1.1V
VIN = 3.0V
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VIN = 3V
VCON = 0.5V
RLOAD = 15:
BYP
1V/DIV
2V/DIV
LM3200
www.ti.com
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 33, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Automatic Bypass Operation
Forced Bypass Operation
(VIN = 4.2V to 3.0V)
(VIN = 3.0V)
Figure 21.
Figure 22.
Line Transient Response
VCON Voltage Response
(VIN = 3.0V to 3.6V)
(VIN = 4.2V, VCON = 0.5V/1.1V)
Figure 23.
Figure 24.
Timed Current Limit Response
Output Voltage Ripple
(VIN = 3.6V)
(VOUT = 1.5V)
Figure 25.
Figure 26.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3200


同様の部品番号 - LM3200_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TL NSC-LM3200TL Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TLX NSC-LM3200TLX Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

同様の説明 - LM3200_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com