データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3205 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3205
部品情報  LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3205 データシート(HTML) 7 Page - Texas Instruments

Back Button LM3205_15 Datasheet HTML 3Page - Texas Instruments LM3205_15 Datasheet HTML 4Page - Texas Instruments LM3205_15 Datasheet HTML 5Page - Texas Instruments LM3205_15 Datasheet HTML 6Page - Texas Instruments LM3205_15 Datasheet HTML 7Page - Texas Instruments LM3205_15 Datasheet HTML 8Page - Texas Instruments LM3205_15 Datasheet HTML 9Page - Texas Instruments LM3205_15 Datasheet HTML 10Page - Texas Instruments LM3205_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IOUT
10 Ps/DIV
200 mA/DIV
IL
VOUT
50 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 0.8V
50 mA
250 mA
LM3205
www.ti.com
SNVS388E – JULY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 31, PVIN = VDD = EN = 3.6V, L = 3.3uH, DCR of L ≤ 100mΩ, CIN = 10uF, 0603, 6.3V ( 4.7uF||4.7uF, 0603,
6.3V can be used), COUT = 4.7uF, 0603, 6.3V for LM3205TL/LM3205SD unless otherwise noted)
Open/Closed Loop Current Limit
VCON Voltage
vs
vs
Temperature
Output Voltage
(PWM mode)
(VIN = 4.2V, RLOAD = 8Ω)
Figure 10.
Figure 11.
Efficiency
Efficiency
vs
vs
Output Voltage
Output Current
(VIN = 3.9V)
(VOUT = 0.8V)
Figure 12.
Figure 13.
Efficiency
vs
Output Current
Load Transient Response
(VOUT = 3.4V)
(VOUT = 0.8V)
Figure 14.
Figure 15.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3205


同様の部品番号 - LM3205_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

同様の説明 - LM3205_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com