データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3212 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM3212
部品情報  LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3212 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3212_15 Datasheet HTML 5Page - Texas Instruments LM3212_15 Datasheet HTML 6Page - Texas Instruments LM3212_15 Datasheet HTML 7Page - Texas Instruments LM3212_15 Datasheet HTML 8Page - Texas Instruments LM3212_15 Datasheet HTML 9Page - Texas Instruments LM3212_15 Datasheet HTML 10Page - Texas Instruments LM3212_15 Datasheet HTML 11Page - Texas Instruments LM3212_15 Datasheet HTML 12Page - Texas Instruments LM3212_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM3212
www.ti.com
SNOSB37C – DECEMBER 2008 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Load Transient
Load Transient
(AUTO_BY = LOW, VIN = 3.6V, ILOAD = 0 - 1.5A)
(AUTO_BY = LOW, VIN = 4.2V, ILOAD = 0 - 1.5A)
Figure 11.
Figure 12.
Start-up (AUTO_BY = HIGH, VIN = 4.2V,
Start-up (AUTO_BY = HIGH, VIN = 3.6V,
VOUT = 3.4V, RLOAD = 10 kΩ)
VOUT = 1.0V, RLOAD = 10 kΩ)
Figure 13.
Figure 14.
AUTO_BY Start-up
AUTO_BY Start-up
(EN = LOW, VIN = 3.6V, RLOAD = 10 kΩ)
(EN = LOW, VIN = 4.2V, RLOAD = 10 kΩ)
Figure 15.
Figure 16.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3212


同様の部品番号 - LM3212_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
More results

同様の説明 - LM3212_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3212 TI1-LM3212 Datasheet
160Kb / 6P
[Old version datasheet]   LM3212 PRODUCT BRIEF Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
[Old version datasheet]   LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com