データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3279 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3279
部品情報  LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3279 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3279_15 Datasheet HTML 2Page - Texas Instruments LM3279_15 Datasheet HTML 3Page - Texas Instruments LM3279_15 Datasheet HTML 4Page - Texas Instruments LM3279_15 Datasheet HTML 5Page - Texas Instruments LM3279_15 Datasheet HTML 6Page - Texas Instruments LM3279_15 Datasheet HTML 7Page - Texas Instruments LM3279_15 Datasheet HTML 8Page - Texas Instruments LM3279_15 Datasheet HTML 9Page - Texas Instruments LM3279_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM3279
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Electrical Characteristics
(1) (continued)
Limits are for TA = TJ = 25°C, and specifications apply to the LM3279 Typical Application Circuits with: PVIN = 3.8 V, VIO or
EN = 1.8 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain
Internal gain (4)
0.167 V
≤ VCON ≤ 1.4 V
3
V/V
ICON
VCON pin input leakage
EN = 3.8 V
–1
1
µA
Leakage into VOUT pin of the buck-
EN = 0, VOUT ≤ 4.2 V, VBATT ≤ 5.5 V
IOUT_LEAKAGE
5
boost
Max limits =
−30°C ≤ TJ = TA ≤ 85°C
(4)
When using analog control (EN = HIGH) to calculate VOUT, use the following equation: VOUT = VCON × 3.
6.6 System Characteristics
The following spec table entries are specified by design and verifications, providing the component values in the typical
application circuits are used: L = 1.5 µH, DFE201610C-1R5M (2016)/TOKO; CIN and COUT each = 10 µF 6.3 V,
C105A106MQ5NUNC (0402)/Samsung; PA decoupling cap emulation = 0.47 µF, GRM033R60J474ME90 (0201)/Murata.
These parameters are not verified by production testing. Typical limits are TA = 25°C. Min and Max limits apply over the
full ambient temperature range (
−30°C ≤ TA ≤ 85°C) and over the VIN range = 2.7 V to 5.5 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBATT = 3.8 V, VIO = 1.8 V, RFFE write VSET = 3.42
V (VSET_CTRL = 5Fh), IOUT = 0mA
Turn-on time (time for output
TON
35
50
µs
to reach 0V
→90% × 3.4 V)
EN = L to H, VBATT = 3.8 V, VCON = 1.14 V,
IOUT = 0 mA
VBATT ≥ 3 V, VOUT = 3.8 V
750
IOUT_MAX
Max output current
mA
VBATT ≥ 3.2 V, VOUT = 4.2 V
650
Boost (% M4 on)
50%
DMAX
Maximum duty cycle
Buck (% M1 on)
100%
PFM: VOUT = 0.6V, PVIN = 3.7 V
FOSC_PFM
Internal oscillator frequency
63
kHz
IOUT = 13 mA
Half speed readback SCLK = 13 MHz, not including
CL
Load capacitance
LM3279 capacitance.
10
50
pF
TA = 25°C
CVCON
VCON input capacitance
VCON = 1V, Test frequency = 100 kHz, TA = 25°C
10
pF
VCON_LIN
VCON linearity
0.167 V
≤ VCON ≤ 1.4 V
–2.5%
2.5%
VIO
VIO I/O voltage level
1.8V Bus, TA = 25°C
1.65
1.8
1.95 V
VBATT ≥ 3.2 V, 0.6 ≤ VOUT ≤ 4.2 V,
Ripple voltage
15
50
0 mA
≤ IOUT ≤ 430 mA, TA = 25°C
VO_RIPPLE
PFM ripple
VOUT = 0.6 V, IOUT = 5mA
40
mV
Ripple voltage in mode
VBATT = 3 V to 5 V, Tr = Tf = 30s
50
transition
3.3 V
≤ VOUT ≤ 4.2 V
VBATT = 3.2 V to 4.9 V, VOUT = 3.5 V,
Line regulation
10
PWM Operation
ΔVOUT
mV
IOUT = 0 mA to 500 mA, VBATT = 3.2 V to 4.9 V,
Load regulation
20
PWM Operation
VBATT = 3.6 V to 4.2 V, Tr = Tf = 10 µs,
–100
100
VOUT = 3.5 V, RLOAD = 11.4 Ω, PWM
Line_tr
Line transient response
mV
VBATT = 3.6 V to 4.2 V, Tr = Tf = 10 µs,
–5
5
VOUT = 0.8 V, RLOAD = 20 Ω, PFM
IOUT = 1 mA to 200 mA, Tr = Tf = 1 µs,
–100
100
VBATT = 4.2 V, VOUT = 3.5 V, PWM
Load_tr
Load transient response
mV
IOUT = 10 mA to 90 mA, Tr = Tf = 1 µs,
–10
10
VBATT = 4.2 V, VOUT = 0.8 V, PFM
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3279


同様の部品番号 - LM3279_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
More results

同様の説明 - LM3279_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com