データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 4 Page - Texas Instruments

  LM10500_15 Datasheet HTML 1Page - Texas Instruments LM10500_15 Datasheet HTML 2Page - Texas Instruments LM10500_15 Datasheet HTML 3Page - Texas Instruments LM10500_15 Datasheet HTML 4Page - Texas Instruments LM10500_15 Datasheet HTML 5Page - Texas Instruments LM10500_15 Datasheet HTML 6Page - Texas Instruments LM10500_15 Datasheet HTML 7Page - Texas Instruments LM10500_15 Datasheet HTML 8Page - Texas Instruments LM10500_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM10500
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin #
Name
Type(1)
Function
1,2,27,28
PVIN
P
Input voltage to the power switches integrated in the device.
3,4,5,6
SW
P
Switch node output of the power switches. It should be connected to the external
inductor.
7,8,9,10
PGND
G
Power ground for the internal power switches.
11
COMP
A
Compensation pin to connect to external compensation network.
12
PWROK
OD
Power Good or PWI Power OK, open drain output. If high, indicates the output
voltage is regulated within tolerance. A pull-up resistor (10 k
Ω to 100 kΩ) is
recommended for most applications.
13
FB
A
Voltage Feedback pin. This pin can be connected to the output voltage directly or
through a resistor divider to set the output voltage range. Range of FB pin voltage is
PWI 1.0 or PWI 2.0 programmable between 0.6V and 1.0V.
14
ADDR
A
PWI Address Selection pin. An external resistor should be connected from this pin to
ground to set the PWI 1.0 or PWI 2.0 address. The voltage on this pin is only read
once by the internal register when the device is powered up.
15
EN
I
Precision enable pin. An external divider can be used to set the device turn-on
threshold. If not used, the EN pin should be connected to AVIN.
16
FREQ/SYNC
A
Frequency setting or external clock synchronization pin. This pin can be connected
to a resistor to ground to set the internal oscillator frequency. It also can be
connected to an external clock source via a capacitor, so that the switching action of
the device is synchronized to the external clock.
17
DGND
G
Digital ground for VPWI and digital interface: SPWI and SCLK.
18
VPWI
P
PowerWise Interface (PWI) supply input, 1.8 V-10% to 3.3V+10%. A bypass
capacitor of 1µF is recommended on this pin.
19
SPWI
I/O
PowerWise Interface (PWI) bi-directional data pin. This pin is internally pulled down
to ground.
20
SCLK
I
PowerWise Interface (PWI) clock input. This pin is internally pulled down to ground.
21
VDD2
P
2.5V output of internal regulator. This pin is only for bypassing the internal LDO.
Loading this pin is not recommended.
22,23
AVIN
P
Analog power input. It powers the internal 2.5V and 5.0V LDOs, which provide bias
current and internal driver power. It can be connected to PVIN through a low pass
RC filter, or can be supplied by a separate rail.
24
AGND
G
Analog ground for the internal bias circuitry.
25
VDD1
P
5.0V output of internal regulator. This pin is only for bypassing the internal LDO.
Loading this pin is not recommended.
26
CBOOT
A
Bootstrap pin to drive the high side switch. A bootstrap capacitor should be
connected between this pin to the SW pin.
PAD
PAD
Exposed pad at the back of the device. The PAD should be connected to ground,
but cannot be used as primary ground connection. Use multiple vias under the PAD
for optimal thermal performance.
(1)
P: Power, A: Analog, I: Digital Input, I/O: Digital Input/Output, G: Ground, OD: Open Drain
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM10500


同様の部品番号 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQX-0.8 TI1-LM10500SQX-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com