データシートサーチシステム |
|
LM10500 データシート(PDF) 5 Page - Texas Instruments |
|
LM10500 データシート(HTML) 5 Page - Texas Instruments |
5 / 40 page LM10500 www.ti.com SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) PVIN, AVIN, SW, EN, PWROK to AGND -0.3 V to +20 V CBOOT to AGND -0.3 V to +25 V CBOOT to SW -0.3 V to +5.5 V VDD1, VPWI, FB, COMP, ADDR, FREQ, SCLK, SPWI to AGND -0.3 V to +6 V VDD2 to AGND -0.3 V to +3 V AGND to PGND -0.3 V to +0.3 V Junction Temperature (TJ-MAX) 150 °C Storage Temperature Range -65 °C to 150 °C Maximum Continuous Power Dissipation PD-MAX (3) Internally limited Maximum Lead Temperature Leadfree compatible (4) +260 °C (1) Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test conditions, see the Electrical Characteristics tables. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications (3) The amount of Absolute Maximum power dissipation allowed for the device depends on the ambient temperature and can be calculated using the formula P = (TJ – TA)/θJA, where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to- ambient thermal resistance. Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high power dissipation exists, special care must be paid to thermal dissipation issues in PC board design. Internal thermal shutdown circuitry protects the device from permanent damage. (4) For detailed soldering specifications, please refer to Application Note 1187: Leadless Leadframe Package (LLP) (AN-1187) SNOA401. ESD Ratings (1) All Pins, Human Body Model (HBM) ±2 kV (1) The Human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. (MIL-STD-883 3015.7) Operating Ratings PVIN to PGND, AGND 3 V to 18 V AVIN to PGND, AGND 3 V to 18 V Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM10500 |
同様の部品番号 - LM10500_15 |
|
同様の説明 - LM10500_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |