データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 8 Page - Texas Instruments

Back Button LM10500_15 Datasheet HTML 4Page - Texas Instruments LM10500_15 Datasheet HTML 5Page - Texas Instruments LM10500_15 Datasheet HTML 6Page - Texas Instruments LM10500_15 Datasheet HTML 7Page - Texas Instruments LM10500_15 Datasheet HTML 8Page - Texas Instruments LM10500_15 Datasheet HTML 9Page - Texas Instruments LM10500_15 Datasheet HTML 10Page - Texas Instruments LM10500_15 Datasheet HTML 11Page - Texas Instruments LM10500_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LM10500
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
General Electrical Characteristics
(1) (2) (continued)
Specifications with standard typeface are for TJ = 25 °C, and those in boldface type apply over the full Operating
Temperature Range (TJ = −40 °C to 125 °C). Unless otherwise specified, VPVIN = VAVIN = 12 V, VOUT = 1.2 V.
Symbol
Parameter
Remarks
Min
Typ
Max
Unit
IOL- PWROK
PWROK Sink Current
VOL = 0.2 V
3
mA
IOH- PWROK
PWROK Leakage Current
VOH = 18 V
460
nA
PWI I/O: SPWI, SCLK. The VPWI pin is powered from an external source, VPWI range = 1.8V-10% to 3.3V+10%
VPWI Pin Voltage Ramping
VPWI Slew Rate
See(4)
500
µs
Rate
VIH
Logic Input High
% of VPWI
80
%
VIL
Logic Input Low
% of VPWI
20
%
Input Leakage Current, Pin
SPWI, SCLK Pins Have Internal
IIH
+5
Driven High (VPWI)
Pulldowns
µA
Input Leakage Current, Pin
IIL
-1
Driven Low
VOH
Logic Output High
Sourcing 1mA, % of VPWI
80
%
VOL
Logic Output Low
Sinking 1mA, % of VPWI
10
Pull-down resistance for
RPD-PWI
SPWI, SCLK
0.5
1
2
M
PWI signals
Maximum PWI SCLK
FSCLK-MAX
SCLK
15
MHz
Frequency
SPWI Data Change Time to
TD
% of SCLK Cycle, FSCLK ≤ 15 MHz
(5)
27
Valid Value
TS
SPWI Data Setup Time
% of SCLK Cycle, FSCLK ≤ 15 MHz
(5)
14
%
TH
SPWI Data Hold Time
% of SCLK Cycle, FSCLK ≤ 15 MHz
(5)
39
SPWI Data Drive Release
TXZ
% of SCLK Cycle, FSCLK ≤ 15 MHz
(5)
27
Time
THERMAL SHUTDOWN
TSD
Thermal Shutdown
See(6)
160
°C
Thermal Shutdown
TSD-HYS
See(6)
10
°C
Hysteresis
(4)
Recommend not to exceed 500 µs ramp time.
(5)
Ensured by design. For more details, please refer to PWI 1.0 Specifications or PWI 2.0 Specifications.
(6)
Ensured by design.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM10500


同様の部品番号 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQX-0.8 TI1-LM10500SQX-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com