データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10500_15 Datasheet HTML 7Page - Texas Instruments LM10500_15 Datasheet HTML 8Page - Texas Instruments LM10500_15 Datasheet HTML 9Page - Texas Instruments LM10500_15 Datasheet HTML 10Page - Texas Instruments LM10500_15 Datasheet HTML 11Page - Texas Instruments LM10500_15 Datasheet HTML 12Page - Texas Instruments LM10500_15 Datasheet HTML 13Page - Texas Instruments LM10500_15 Datasheet HTML 14Page - Texas Instruments LM10500_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Output Voltage 20 mV/DIV AC coupling
Inductor Current 1A/DIV
Switch Node 2V/DIV
2 µs/DIV
1.2V
5A
PWROK 0.5V/DIV
Inductor Current 0.5A/DIV
Output Voltage 0.2V/DIV
EN 1V/DIV
1 ms/DIV
0.5V
1.2V
PWROK 0.5V/DIV
Inductor Current 0.5A/DIV
Output Voltage 0.2V/DIV
EN 1V/DIV
1 ms/DIV
0.5V
1.2V
PWROK 0.5V/DIV
Inductor Current 1A/DIV
Output Voltage 0.2V/DIV
EN 1V/DIV
1 ms/DIV
1.2V
5A
PWROK 0.5V/DIV
Inductor Current 1A/DIV
Output Voltage 0.2V/DIV
EN 1V/DIV
1 ms/DIV
1.2V
LM10500
www.ti.com
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VPVIN = VAVIN = 12V, VOUT = 1.2V, L=2.2µH, COUT = 220µF, fs = 300kHz.
Soft Start With 5 A Load, Triggered By EN Rising Edge
Soft Start With No Load, Triggered By EN Rising Edge
Figure 15.
Figure 16.
Soft Start With 0.5V Pre-bias Voltage, DCM Operation,
Soft Start With 0.5V Pre-bias Voltage, CCM Operation,
Triggered By PWI 'Wakeup' Command
Triggered By PWI 'Wakeup' Command
Figure 17.
Figure 18.
Switching Waveform With 5 A Load
Load Transient Between 0.1 A And 5 A
Figure 19.
Figure 20.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10500


同様の部品番号 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQX-0.8 TI1-LM10500SQX-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com