データシートサーチシステム |
|
LM10500 データシート(PDF) 2 Page - Texas Instruments |
|
LM10500 データシート(HTML) 2 Page - Texas Instruments |
2 / 40 page Start up to 0.8V or 1.0V Hardware Performance Monitor (HPM) ASIC / SoC VIN Core AVS Domain 5A max Advanced Power Controller (APC) I/O Voltage Domain LM10500 SW COMP FREQ EN ADDR FB PWROK PGND DGND VPWI SPWI SCLK VDD2 AVIN AGND VDD1 CBOOT PVIN AVS PWROK I/O Voltage PS EN CIN L +3.0 ~ +18.0V VOUT SYNC CF COUT CBOOT CVPWI CFRQ CVDD2 CVDD1 CC RF RADDR RC RFRQ RFB1 RFB2 AVS range: 0.6~1.0V AMBIENT TEMPERATURE (°C) 45 44 43 42 41 40 -20 0 20 40 60 80 LM10500 SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013 www.ti.com Adaptive Voltage Scaling Technology PowerWise Adaptive Voltage Scaling (AVS) technology is an advanced closed-loop technology for reducing active and standby energy consumption of digital processing engines and ASICs. Hardware Performance Monitor (HPM) is designed into the digital engine together with an Advanced Power Controller (APC) to monitor the performance of the silicon based on process and temperature variation. Information is fed back to an Energy Management Unit (EMU) which then sets the voltage precisely according to the processor’s needs. The AVS technology enables optimum power delivery to the processors, ASICs, and SoCs, which maximizes overall system energy savings. AVS technology is process and architecture independent. Figure 1. Typical Power Saving Using AVS And The LM10500 Compared To Fixed Voltage Scheme Typical Application Circuit 2 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM10500 |
同様の部品番号 - LM10500_15 |
|
同様の説明 - LM10500_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |