データシートサーチシステム |
|
LM10500 データシート(PDF) 6 Page - Texas Instruments |
|
|
LM10500 データシート(HTML) 6 Page - Texas Instruments |
6 / 40 page LM10500 SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013 www.ti.com Thermal Properties Junction Temperature −40 °C to +125 °C Ambient Temperature (1) −40 °C to +85 °C Junction-to-Ambient Thermal Resistance ( θJA) (2) 32.4 °C/W (1) In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX) and the junction-to ambient thermal resistance of the part/package in the application ( θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). (2) Junction-to-ambient thermal resistance ( θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC standard JESD51-7. The test board is a 4-layer standard JEDEC thermal test board or 4LJEDEC, 4" x 3" in size, with a 3 by 3 array of thermal vias. The board has two embedded copper layers which cover roughly the same size as the board. The copper thickness for the four layers, starting from the top one, is 2 oz./1oz./1oz./2 oz. For WQFN, thermal vias are placed between the die attach pad in the 1st. copper layer and 2nd. copper layer. Detailed description of the board can be found in JESD 51-7. Ambient temperature in the simulation is 22°C, still air. Power dissipation is 1W. The value of θJA of this product can vary significantly depending on PCB material, layout, and environmental conditions. In applications with high power dissipation (e.g. high VOUT, high IOUT), special care must be paid to thermal dissipation issues. For more information on these topics, please refer to Application Note AN-1187: Leadless Leadframe Package (LLP) SNOA401. General Electrical Characteristics (1) (2) Specifications with standard typeface are for TJ = 25 °C, and those in boldface type apply over the full Operating Temperature Range (TJ = −40 °C to 125 °C). Unless otherwise specified, VPVIN = VAVIN = 12 V, VOUT = 1.2 V. Symbol Parameter Remarks Min Typ Max Unit Feedback Pin Factory LM10500SQ-0.8 0.788 0.8 0.812 VFB-default Default Voltage. All LM10500SQ-1.0 0.985 1.0 1.015 Registers in Default States V Maximum Feedback VFB-range-top Voltage Code = R0 – R9 = 7FH 1.0 Voltage VFB-range-bottom Minimum Feedback Voltage Voltage Code = R0 – R9 = 00H 0.6 Bit Length of The Feedback Resolution VFB = 0.6 V to 1 V 7 bit Voltage DAC Differential Non-Linearity of DNL VFB = 0.6 V to 1 V 0.5 LSB VFB DAC Integrated Non-Linearity of INL VFB = 0.6 V to 1 V 1 LSB VFB DAC ΔVOUT/ΔIOUT Load Regulation IOUT = 0.1 A to 5 A 0.02 %/A ΔVOUT/ΔVIN Line Regulation VIN = 3.0 V to 18 V 0.01 %/V High Side Switch On-Time RDS-ON-HS IDS-HS = 5 A 44 Resistance m Ω Low Side Switch On-Time RDS-ON-LS IDS-LS = 5 A 22 Resistance High Side Switch Current ICL-HS High-Side FET 5.9 7 7.87 Limit Low Side Switch Current ICL-LS Low-Side FET(3) 5.9 8 10.2 A Limit Low Side Switch Negative INEG-CL-LS Low-Side FET -7 -4.1 -1.64 Current Limit Shutdown Quiescent VAVIN = V PVIN = 5 V 0.1 2 ISD Current, AVIN is Connected µA VAVIN = VPVIN = 18 V 1 4.1 to PVIN, VEN = 0 Quiescent Current With Iq Switcher On, No Load, VAVIN = VPVIN = 18 V 9 9.7 mA DCM Operation Feedback Pin Input Bias IFB VFB = 1.0 V 1 nA Current (1) All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics. (3) The low side switch current limit is ensured to be higher than the high side switch current limit. 6 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM10500 |
同様の部品番号 - LM10500 |
|
同様の説明 - LM10500 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |