データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 7 Page - Texas Instruments

Back Button LM10500 Datasheet HTML 3Page - Texas Instruments LM10500 Datasheet HTML 4Page - Texas Instruments LM10500 Datasheet HTML 5Page - Texas Instruments LM10500 Datasheet HTML 6Page - Texas Instruments LM10500 Datasheet HTML 7Page - Texas Instruments LM10500 Datasheet HTML 8Page - Texas Instruments LM10500 Datasheet HTML 9Page - Texas Instruments LM10500 Datasheet HTML 10Page - Texas Instruments LM10500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM10500
www.ti.com
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
General Electrical Characteristics
(1) (2) (continued)
Specifications with standard typeface are for TJ = 25 °C, and those in boldface type apply over the full Operating
Temperature Range (TJ = −40 °C to 125 °C). Unless otherwise specified, VPVIN = VAVIN = 12 V, VOUT = 1.2 V.
Symbol
Parameter
Remarks
Min
Typ
Max
Unit
Error Amplifier
Gm
VFB = 1.0 V, VCOMP = 0.5 V
2400
µA/V
Transconductance
Error Amplifier Voltage
AVOL
65
dB
Gain
Output voltage rising threshold, % of
VIH-OVP
OVP Tripping Threshold
103.5
109.5
115
VOUT
%
VHYST-OVP
OVP Hysteresis Window
% of VOUT
-4.3
AVIN UVLO Rising
VUVLO-HI-AVIN
2.84
2.93
2.987
V
Threshold
AVIN UVLO
VUVLO-LO-AVIN
2.66
2.73
2.83
V
FallingThreshold
AVIN UVLO Hysteresis
VUVLO-HYS-AVIN
195
mV
Window
Internal LDO1 Output
VVDD1
Measured At VDD1 Pin, 1 k
Ω Load
4.88
V
Voltage
Recommended Bypass
COUT-VDD1
Ceramic Capacitor
1
µF
Capacitance to VDD1 Pin
VDD1 Pin Short Circuit
IShort-VDD1
31
mA
Current
Internal LDO2 Output
VVDD2
Measured At VDD2 Pin, 1 k
Ω Load
2.47
V
Voltage
Recommended Bypass
COUT-VDD2
Ceramic Capacitor
100
nF
Capacitance to VDD2 Pin
VDD2 Pin Short Circuit
IShort-VDD2
47
mA
Current
CBOOT Diode Forward
Measured Between VDD1 and CBOOT
VFCBOOT-d
0.76
V
Voltage
@ 10 mA
ICBOOT
CBOOT Leakage Current
VCBOOT = 5.5 V, VEN = 0 V
0.65
µA
Measured From EN Rising Edge to
TStartup-Delay
Soft Start Delay Time
The Beginning of Internal Soft-Start
160
µs
Ramp
From 10% to 90% VFB, VFB = 0.8 V
1.9
3.4
5.3
Internal Soft-Start Ramping
TSoft-Start
ms
Time
From 10% to 90% VFB, VFB = 1.0 V
2.4
4.3
6.2
OSCILLATOR
Nominal Switching
FOSC-nom
RFRQ = 61.9 kΩ 0.025%
695
750
795
Frequency
Maximum Switching
FOSC-MAX
RFRQ = 28.4 kΩ
1500
kHz
Frequency
Minimum Switching
FOSC-MIN
RFRQ = 167.5 kΩ
300
Frequency
Switch Node Minimum OFF
fS = 1.5 MHz, VPVIN = 3.3 V, VFB = 1.0
TOFF-MIN
50
Time
V, Resistor Divider Ratio = 3.3
ns
Switch Node Minimum ON
fS = 1.5 MHz, VFB = 0.6 V, Resistor
TON-MIN
70
Time
Divider Ratio = 1
LOGIC
VIH-EN
EN Pin Rising Threshold
1.1
1.2
1.3
V
VHYST-EN
EN Pin Hysteresis Window
130
200
302
mV
IEN-IN
EN Pin Input Current
VEN = 12 V
18
23
µA
PWROK UV Rising
VIH-UV-PWROK
87.5
93
97.5
Threshold
% of VOUT
%
PWROK UV Hysteresis
VHYST-UV-PWROK
-4.2
Window
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10500


同様の部品番号 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com