データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 1 Page - Texas Instruments

  LM10500 Datasheet HTML 1Page - Texas Instruments LM10500 Datasheet HTML 2Page - Texas Instruments LM10500 Datasheet HTML 3Page - Texas Instruments LM10500 Datasheet HTML 4Page - Texas Instruments LM10500 Datasheet HTML 5Page - Texas Instruments LM10500 Datasheet HTML 6Page - Texas Instruments LM10500 Datasheet HTML 7Page - Texas Instruments LM10500 Datasheet HTML 8Page - Texas Instruments LM10500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM10500
www.ti.com
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise™ Adaptive
Voltage Scaling (AVS)
Check for Samples: LM10500
1
FEATURES
DESCRIPTION
The LM10500 is a 5A Energy Management Unit
23
Closed-Loop Adaptive Voltage Scaling (AVS)
(EMU) that actively reduces system-level power
PWI 1.0 / PWI 2.0 Compatible
consumption by utilizing a continuous, real-time,
Resistor-Programmable switching frequency
closed-loop Adaptive Voltage Scaling (AVS) scheme.
The
LM10500
operates
cooperatively
with
Frequency Synchronization
PowerWise™ AVS compatible ASICs, SoCs, and
Precision Enable
processors to optimize supply voltages adaptively
Internal Soft-Start to Reduce In-Rush Current
over process and temperature variations. The device
is controlled via PowerWise Interface (PWI) 1.0 or
Power Good (PWROK)
PWI 2.0 high-speed serial interface.
Under-Voltage Lock Out (UVLO)
A typical power saving of 40% can be achieved when
Over-Voltage Protection (OVP)
LM10500 is used with AVS compatible ASICs, SoCs,
Cycle-by-cycle current limiting (OCP)
and processors.
Thermal Shutdown
KEY SPECIFICATIONS
3.0 V to 18.0 V Input Voltage Range
1.5% Feedback Voltage Accuracy
0.6 Vto 1.0 V AVS Feedback Voltage Range
0.8 Vto 5.0 V Startup VOUT Range (Using
Resistor-Divider)
AVS Typical Power Saving 40% Over Fixed
Voltage
300 kHz to 1.5 MHz Switching Frequency
Range
WQFN-28 Package (5 mm x 5 mm x 0.8 mm,
0.5 mm pitch)
APPLICATIONS
Point-of-Load Regulation
Servers and Networking Cards
Storage Devices
Set-Top-Box Processors
Medical and Industrial Processors
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com