データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10500 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10500
部品情報  5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10500 データシート(HTML) 2 Page - Texas Instruments

  LM10500 Datasheet HTML 1Page - Texas Instruments LM10500 Datasheet HTML 2Page - Texas Instruments LM10500 Datasheet HTML 3Page - Texas Instruments LM10500 Datasheet HTML 4Page - Texas Instruments LM10500 Datasheet HTML 5Page - Texas Instruments LM10500 Datasheet HTML 6Page - Texas Instruments LM10500 Datasheet HTML 7Page - Texas Instruments LM10500 Datasheet HTML 8Page - Texas Instruments LM10500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Start up to 0.8V or 1.0V
Hardware
Performance
Monitor (HPM)
ASIC / SoC
VIN
Core AVS
Domain
5A max
Advanced
Power
Controller
(APC)
I/O Voltage
Domain
LM10500
SW
COMP
FREQ
EN
ADDR
FB
PWROK
PGND
DGND
VPWI
SPWI
SCLK
VDD2
AVIN
AGND
VDD1
CBOOT
PVIN
AVS
PWROK
I/O Voltage PS
EN
CIN
L
+3.0 ~
+18.0V
VOUT
SYNC
CF
COUT
CBOOT
CVPWI
CFRQ
CVDD2
CVDD1
CC
RF
RADDR
RC
RFRQ
RFB1
RFB2
AVS range: 0.6~1.0V
AMBIENT TEMPERATURE (°C)
45
44
43
42
41
40
-20
0
20
40
60
80
LM10500
SNVS630G – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
Adaptive Voltage Scaling Technology
PowerWise Adaptive Voltage Scaling (AVS) technology is an advanced closed-loop technology for reducing
active and standby energy consumption of digital processing engines and ASICs. Hardware Performance Monitor
(HPM) is designed into the digital engine together with an Advanced Power Controller (APC) to monitor the
performance of the silicon based on process and temperature variation. Information is fed back to an Energy
Management Unit (EMU) which then sets the voltage precisely according to the processor’s needs. The AVS
technology enables optimum power delivery to the processors, ASICs, and SoCs, which maximizes overall
system energy savings. AVS technology is process and architecture independent.
Figure 1. Typical Power Saving Using AVS And The LM10500
Compared To Fixed Voltage Scheme
Typical Application Circuit
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM10500


同様の部品番号 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-0.8 TI1-LM10500SQE-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQE-1.0 TI1-LM10500SQE-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10500

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
[Old version datasheet]   LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
   PowerWise Technology Compliant Energy Management Unit
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
   PowerWise짰 AVS Energy Management Unit with SPMI
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
   PowerWise??Technology Compliant Energy Management Unit
logo
Texas Instruments
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
[Old version datasheet]   LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
[Old version datasheet]   LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
   PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
   PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com