データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20343 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM20343
部品情報  LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM20343 データシート(HTML) 9 Page - Texas Instruments

Back Button LM20343_15 Datasheet HTML 5Page - Texas Instruments LM20343_15 Datasheet HTML 6Page - Texas Instruments LM20343_15 Datasheet HTML 7Page - Texas Instruments LM20343_15 Datasheet HTML 8Page - Texas Instruments LM20343_15 Datasheet HTML 9Page - Texas Instruments LM20343_15 Datasheet HTML 10Page - Texas Instruments LM20343_15 Datasheet HTML 11Page - Texas Instruments LM20343_15 Datasheet HTML 12Page - Texas Instruments LM20343_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5.2A
+
-
FB
COMP
CONTROL
LOGIC
EN
CURRENT LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+5.5V
REGULATOR
VCC
BOOT
VCC
THERMAL
PROTECTION
GND
SW
VIN
CURRENT SENSE
VCC
1.25V
BOOT
BOOT
UVLO
4.25V
AGND
+
740 mV
880 mV
PG-L
PG-L
2.7V
gm = 515 Pmho
VREF
+
-
800 mV
+
-
+
VCC
2 PA
DISCHARGE
DISCHARGE
SLOPE COMP
4.5 PA
+
-
-2.8A
NEGATIVE
CURRENT LIMIT
+2.7V
REGULATOR
2.7V
+
-
+
-
+
-
+
-
RT
OSCILLATOR
LM20343
www.ti.com
SNVS559B – MAY 2008 – REVISED APRIL 2013
Block Diagram
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM20343


同様の部品番号 - LM20343_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20343_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com