データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM21215A データシート(PDF) 5 Page - Texas Instruments

部品番号 LM21215A
部品情報  LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM21215A データシート(HTML) 5 Page - Texas Instruments

  LM21215A_15 Datasheet HTML 1Page - Texas Instruments LM21215A_15 Datasheet HTML 2Page - Texas Instruments LM21215A_15 Datasheet HTML 3Page - Texas Instruments LM21215A_15 Datasheet HTML 4Page - Texas Instruments LM21215A_15 Datasheet HTML 5Page - Texas Instruments LM21215A_15 Datasheet HTML 6Page - Texas Instruments LM21215A_15 Datasheet HTML 7Page - Texas Instruments LM21215A_15 Datasheet HTML 8Page - Texas Instruments LM21215A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM21215A
www.ti.com
SNOSB87B – MARCH 2011 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, the following conditions apply: VPVIN, AVIN = 5V. Limits in standard type are for TJ = 25°C only, limits
in bold face type apply over the junction temperature (TJ) range of −40°C to +125°C. Minimum and maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
tINTSS
Internal Soft-Start Ramp to Vref
CSS = 0
350
500
675
µs
tRESETSS
Device Reset to Soft-Start Ramp
50
110
200
µs
OSCILLATOR
fSYNCR
SYNC Frequency Range
300
1500
kHz
fDEFAULT
Default (no SYNC signal) Frequency
475
500
525
kHz
tSY_SW
Time from SYNC falling to VSW Rising
200
ns
tSY_MIN
Minimum SYNC pin pulse width, high or low
100
ns
tHSBLANK
HS OCP Blanking Time
Rising edge of SW to ICLR
55
ns
comparison
tLSBLANK
LS OCP Blanking Time
Falling edge of SW to ICLF
400
ns
comparison
tZXBLANK
Zero Cross Blanking Time
Falling edge of SW to VZX
120
ns
comparison
tMINON
Minimum HS on-time
140
ns
ΔVramp
PWM Ramp p-p Voltage
0.8
V
ERROR AMPLIFIER
VOL
Error Amplifier Open Loop Voltage Gain
ICOMP = -65µA to 1mA
95
dBV/V
GBW
Error Amplifier Gain-Bandwidth Product
11
MHz
IFB
Feedback Pin Bias Current
VFB = 0.6V
1
nA
ICOMPSRC
COMP Output Source Current
1
mA
ICOMPSINK
COMP Output Sink Current
65
µA
POWERGOOD
VOVP
Over Voltage Protection Rising Threshold
VFB Rising
105
112.5
120
%VFB
VOVPHYS
Over Voltage Protection Hysteresis
VFB Falling
2
%VFB
VUVP
Under Voltage Protection Rising Threshold
VFB Rising
82
90
97
%VFB
VUVPHYS
Under Voltage Protection Hysteresis
VFB Falling
2.5
%VFB
tPGDGL
PGOOD Deglitch Low (OVP/UVP Condition Duration
15
µs
to PGOOD Falling)
tPGDGH
PGOOD Deglitch High (minimum low pulse)
12
µs
RPGOOD
PGOOD Pull-down Resistance
10
20
40
IPGOODLEAK
PGOOD Leakage Current
VPGOOD = 5V
1
nA
LOGIC
VIHSYNC
SYNC Pin Logic High
2.0
V
VILSYNC
SYNC Pin Logic Low
0.8
V
VIHENR
EN Pin Rising Threshold
VEN Rising
1.20
1.35
1.45
V
VENHYS
EN Pin Hysteresis
50
110
180
mV
IEN
EN Pin Pullup Current
VEN = 0V
2
µA
THERMAL SHUTDOWN
TTHERMSD
Thermal Shutdown
165
°C
TTHERMSDHYS Thermal Shutdown Hysteresis
10
°C
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM21215A


同様の部品番号 - LM21215A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

同様の説明 - LM21215A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com