データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22678 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM22678
部品情報  SIMPLE SWITCHER Step-Down Voltage Regulator With Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM22678 データシート(HTML) 11 Page - Texas Instruments

Back Button LM22678 Datasheet HTML 7Page - Texas Instruments LM22678 Datasheet HTML 8Page - Texas Instruments LM22678 Datasheet HTML 9Page - Texas Instruments LM22678 Datasheet HTML 10Page - Texas Instruments LM22678 Datasheet HTML 11Page - Texas Instruments LM22678 Datasheet HTML 12Page - Texas Instruments LM22678 Datasheet HTML 13Page - Texas Instruments LM22678 Datasheet HTML 14Page - Texas Instruments LM22678 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM22678, LM22678-Q1
www.ti.com
SNVS585L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Feature Description (continued)
In general, hand calculations or simulations can only aid in selecting good power stage components. Good
design practice dictates that load and line transient testing should be done to verify the stability of the application.
Also, Bode plot measurements should be made to determine stability margins. AN-1889 How to Measure the
Loop Transfer Function of Power Supplies (SNVA364) shows how to perform a loop transfer function
measurement with only an oscilloscope and function generator.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides electrical ON and OFF control for the LM22678 device. When VEN is below 1.6 V, the
device is in shutdown mode. The current drain from the input supply, in this state, is 25 µA (typ) at an input
voltage of 12 V. The EN input has an internal pullup of about 6 µA. The LM22678 also incorporates an input
undervoltage lock-out (UVLO) feature. This prevents the regulator from turning on when the input voltage is not
great enough to properly bias the internal circuitry. The rising threshold is 4.3 V (typ) while the falling threshold is
3.9 V (typ).
7.4.2 Active Mode
The LM22678 device is in active mode when VEN is above the precision enable threshold and its input voltage is
above its UVLO level. The simplest way to enable the LM22678 is to connect the EN pin to VIN through a
resistor. A resistor of 470 k
Ω will limit the current to a safe value for input voltages as high 42 V.
7.4.3 Current Limit
The LM22678 device has current limiting to prevent the switch current from exceeding safe values during an
accidental overload on the output. This peak current limit is found in the Electrical Characteristics table under the
heading of ICL. The maximum load current that can be provided, before current limit is reached, is determined
from Equation 5.
(5)
Where:
L is the value of the power inductor.
When the LM22678 device enters current limit, the output voltage will drop and the peak inductor current will be
fixed at ICL at the end of each cycle. The switching frequency will remain constant while the duty cycle drops. The
load current will not remain constant, but will depend on the severity of the overload and the output voltage.
For very severe overloads "short-circuit", the regulator changes to a low frequency current foldback mode of
operation. The frequency foldback is about 1/5 of the nominal switching frequency. This will occur when the
current limit trips before the minimum on-time has elapsed. This mode of operation is used to prevent inductor
current "run-away", and is associated with very low output voltages when in overload. Equation 6 can be used to
determine what level of output voltage will cause the part to change to low frequency current foldback.
(6)
Where:
Fsw is the normal switching frequency.
Vin is the maximum for the application.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22678 LM22678-Q1


同様の部品番号 - LM22678

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678 TI1-LM22678 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678 TI1-LM22678 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678QTJ-5.0 TI1-LM22678QTJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678QTJ-5.0 TI1-LM22678QTJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
More results

同様の説明 - LM22678

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com