データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25011 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM25011
部品情報  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25011 データシート(HTML) 8 Page - Texas Instruments

Back Button LM25011_15 Datasheet HTML 4Page - Texas Instruments LM25011_15 Datasheet HTML 5Page - Texas Instruments LM25011_15 Datasheet HTML 6Page - Texas Instruments LM25011_15 Datasheet HTML 7Page - Texas Instruments LM25011_15 Datasheet HTML 8Page - Texas Instruments LM25011_15 Datasheet HTML 9Page - Texas Instruments LM25011_15 Datasheet HTML 10Page - Texas Instruments LM25011_15 Datasheet HTML 11Page - Texas Instruments LM25011_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. PGD Low Voltage vs Sink Current
Figure 8. Reference Voltage vs Temperature
Figure 9. Current Limit Threshold vs Temperature
Figure 10. Operating Current vs Temperature
Figure 11. VIN UVLO vs Temperature
Figure 12. SS Pin Shutdown Threshold vs Temperature
8
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


同様の部品番号 - LM25011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

同様の説明 - LM25011_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com