データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25011A データシート(PDF) 10 Page - Texas Instruments

部品番号 LM25011A
部品情報  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25011A データシート(HTML) 10 Page - Texas Instruments

Back Button LM25011A Datasheet HTML 6Page - Texas Instruments LM25011A Datasheet HTML 7Page - Texas Instruments LM25011A Datasheet HTML 8Page - Texas Instruments LM25011A Datasheet HTML 9Page - Texas Instruments LM25011A Datasheet HTML 10Page - Texas Instruments LM25011A Datasheet HTML 11Page - Texas Instruments LM25011A Datasheet HTML 12Page - Texas Instruments LM25011A Datasheet HTML 13Page - Texas Instruments LM25011A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SS
RT
FB
VIN
SW
VIN
BST
L1
CBST
D1
SD
CS
LEVEL
SHIFT
ON TIMER
FINISH
START
LOGIC
Gate Drive
UVLO
5V REGULATOR
Input
CL
CL
2.5V
REGULATION
COMPARATOR
LM25011(A)
10
2A
CURRENT
LIMIT COMPARATOR
FINISH
START
OFF TIMER
THERMAL
SHUTDOWN
FCIC
CONTROL
PGD
2.375V
0.8V
RPGD
CSG
Power
Good
125 mV
UVLO
SGND
RS
+
-
CURRENT LIMIT
THRESHOLD
+
-
6V to 42V
CBYP
CIN
RT
CSS
COUT
VOUT
RFB2
RFB2
+
-
+
-
Pre - Chg
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM25011 constant on-time step-down switching regulator features all the functions needed to implement a
low-cost, efficient buck bias power converter capable of supplying up to 2.0 A to the load. This high-voltage
regulator contains an N-Channel buck switch, is easy to implement, and is available in a 10-pin VSSOP,
PowerPAD power enhanced package. The operation of the regulator is based on a constant on-time control
principle with the on-time inversely proportional to the input voltage. This feature results in the operating
frequency remaining relatively constant with load and input voltage variations. The constant on-time feedback
control principle requires no loop compensation resulting in very fast load transient response. The adjustable
valley current limit detection results in a smooth transition from constant voltage to constant current when current
limit is reached. To aid in controlling excessive switch current due to a possible saturating inductor, the on-time is
reduced by approximately 40% when the current limit is detected. The Power Good output (PGD pin) indicates
when the output voltage is within 5% of the expected regulation voltage.
The LM25011 can be implemented to efficiently step-down higher voltages in non-isolated applications.
Additional features include: low output ripple, VIN under-voltage lock-out, adjustable soft-start timing, thermal
shutdown, gate drive pre-charge, gate drive under-voltage lock-out, and maximum duty-cycle limit.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Control Circuit Overview
The LM25011 buck regulator employs a control principle based on a comparator and a one-shot on-timer, with
the output voltage feedback (FB) compared to an internal reference (2.51 V). If the FB voltage is below the
reference, the internal buck switch is switched on for the one-shot timer period which is a function of the input
voltage and the programming resistor (RT). Following the on-time, the switch remains off until the FB voltage falls
below the reference, but never less than the minimum off-time forced by the off-time one-shot timer. When the
FB pin voltage falls below the reference and the off-time one-shot period expires, the buck switch is then turned
on for another on-time one-shot period.
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


同様の部品番号 - LM25011A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI1-LM25011A Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

同様の説明 - LM25011A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com