データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25011AMY データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25011AMY
部品情報  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25011AMY データシート(HTML) 6 Page - Texas Instruments

Back Button LM25011AMY Datasheet HTML 2Page - Texas Instruments LM25011AMY Datasheet HTML 3Page - Texas Instruments LM25011AMY Datasheet HTML 4Page - Texas Instruments LM25011AMY Datasheet HTML 5Page - Texas Instruments LM25011AMY Datasheet HTML 6Page - Texas Instruments LM25011AMY Datasheet HTML 7Page - Texas Instruments LM25011AMY Datasheet HTML 8Page - Texas Instruments LM25011AMY Datasheet HTML 9Page - Texas Instruments LM25011AMY Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. Unless otherwise stated, the following conditions apply: VIN = 12 V, RT = 50 kΩ.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT (VIN PIN)
IIN
Input operating current
Non-switching, FB = 3 V
1200
1600
µA
UVLOVIN
VIN undervoltage lock-out threshold
VIN increasing
4.6
5.3
5.9
V
VIN undervoltage lock-out threshold hysteresis
200
mV
SWITCH CHARACTERISTICS
RDS(ON)
Buck Switch RDS(ON)
ITEST = 200 mA
0.3
0.6
UVLOGD
Gate Drive UVLO
BST-SW
2.4
3.4
4.4
V
UVLOGD Hysteresis
350
mV
Pre-charge switch voltage
ITEST = 10 mA into SW pin
1.4
V
Pre-charge switch on-time
120
ns
SOFT-START PIN
VSS
Pullup voltage
2.51
V
ISS
Internal current source
10
µA
VSS-SH
Shutdown threshold
70
140
mV
CURRENT LIMIT
VILIM
Threshold voltage at CS
–146
–130
–115
mV
CS bias current
FB = 3 V
–120
µA
CSG bias current
FB = 3 V
–35
µA
ON TIMER, RT PIN
tON - 1
On-time
VIN = 12 V, RT = 50 kΩ
150
200
250
ns
tON - 2
On-time
VIN = 32 V, RT = 50 kΩ
75
ns
tON - 3
On-time (current limit) LM25011
VIN = 12 V, RT = 50 kΩ
100
ns
tON - 3
On-time (current limit) LM25011A
VIN = 12 V, RT = 50 kΩ
200
ns
tON - 4
On-time
VIN = 12 V, RT = 301 kΩ
1020
ns
tON - 5
On-time
VIN = 9 V, RT = 30.9 kΩ
130
171
215
ns
tON - 6
On-time
VIN = 12 V, RT = 30.9 kΩ
105
137
170
ns
tON - 7
On-time
VIN = 16 V, RT = 30.9 kΩ
79
109
142
ns
OFF TIMER
tOFF
Minimum off-time (LM25011)
90
150
208
ns
Minimum off-time (LM25011A)
52
75
93
REGULATION COMPARATOR (FB PIN)
VREF
FB regulation threshold
SS pin = steady state
2.46
2.51
2.56
V
FB bias current
FB = 3 V
100
nA
POWER GOOD (PGD PIN)
Threshold at FB, with respect to VREF
FB increasing
91%
95%
Threshold hysteresis
3.3%
PGDVOL
Low state voltage
IPGD = 1 mA, FB = 0 V
125
180
mV
PGDLKG
Off state leakage
VPGD = 7 V, FB = 3 V
0.1
µA
THERMAL SHUTDOWN
TSD
Thermal shutdown
Junction temperature increasing
155
°C
Thermal shutdown hysteresis
20
°C
(1)
Current flow out of a pin is indicated as a negative number.
(2)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(3)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in watts) as follows:
TJ = TA + (PD × RθJA ) where RθJA (in °C/W) is the package thermal impedance provided in the Thermal Information section.
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


同様の部品番号 - LM25011AMY

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYE TI-LM25011AMYE Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYE TI-LM25011AMYE Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

同様の説明 - LM25011AMY

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com